Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

710-318XM04 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 710-318XM04
Description  Composite Split "T" Junction Fitting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

710-318XM04 Datasheet(HTML) 1 Page - Glenair, Inc.

  710-318XM04 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
G-22
E-Mail: sales@glenair.com
www.glenair.com
710-318
Composite Split "T" Junction Fitting
for Series 72 and 74 Convoluted Tubing
B Dia
Typ
C
45° Typ.
End A
End C
End B
A Thread - Typ.
D
RFI/EMI Tongue
& Groove Joint
710-318 XM 03*04*05
Basic Part No.
Finish (Table II)
End A Dash No. (Table I)
End C Dash No. (Table I)
End B Dash No. (Table I)
Note: When all ends are identical, insert only one dash no.
When multiple dash numbers are ordered, transition size will
be determined by the largest. Adapter may be supplied on
smaller entries. Letter to folow entry will be supplied with
adapters.
B Dia
.500 (12.7)
.750 (19.1)
1.000 (25.4)
1.250 (31.8)
1.625 (41.3)
.281
(7.1)
.375
(9.5)
Dash
No.
01
02
03
04
05
06
07
A Thread
Unified
.750 - 20
1.000 - 20
1.312 - 18
1.500 - 18
2.000 - 18
.500 - 20
.625 - 24
Table I
C Max
2.375 (60.3)
2.625 (66.7)
2.875 (73.0)
3.125 (79.4)
3.500 (88.9)
2.125 (54.0)
2.250 (57.2)
D Max
1.187 (30.1)
1.312 (33.3)
1.437 (36.5)
1.652 (42.0)
1.750 (44.5)
1.062 (27.0)
1.125 (28.6)
Weight in
Pounds Max.
.082
.114
.160
.191
.273
.031
.043
1. Metric dimensions (mm) are in parentheses and are for reference only.
2. Consult factory for availability.
Adapter
.50 (12.7) Max
Shape optional
TABLE 2
XM
Electroless
Nickel
XW
Cadmium Olive
Drab Over
Electroless
Nickel
XB
No Plating -
Black Material
XO
No Plating - Base
Material
Non-conductive
Table II


Similar Part No. - 710-318XM04

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710-318XM03 GLENAIR-710-318XM03 Datasheet
227Kb / 1P
   Composite Split Junction Fitting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com