Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC59P60BV Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC59P60BV
Description  8-Bit Serial-Input Protected Latched Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P60BV Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC59P60BV Datasheet HTML 1Page - Micrel Semiconductor MIC59P60BV Datasheet HTML 2Page - Micrel Semiconductor MIC59P60BV Datasheet HTML 3Page - Micrel Semiconductor MIC59P60BV Datasheet HTML 4Page - Micrel Semiconductor MIC59P60BV Datasheet HTML 5Page - Micrel Semiconductor MIC59P60BV Datasheet HTML 6Page - Micrel Semiconductor MIC59P60BV Datasheet HTML 7Page - Micrel Semiconductor MIC59P60BV Datasheet HTML 8Page - Micrel Semiconductor MIC59P60BV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC59P60
4
August 2001
MIC59P60
Micrel
Timing Conditions
(TA = +25°C, Logic Levels are VDD and VSS, VDD = 5V)
A. Typical Data Active Time Before Clock Pulse (Data Set-Up Time) ........................................................................... 75 ns
B. Minimum Data Active Time After Clock Pulse (Data Hold Time) .............................................................................. 75 ns
C. Minimum Data Pulse Width ..................................................................................................................................... 150 ns
D. Minimum Clock Pulse Width .................................................................................................................................... 150 ns
E. Minimum Time Between Clock Activation and Strobe ............................................................................................. 300 ns
F. Minimum Strobe Pulse Width ................................................................................................................................... 100 ns
G. Typical Time Between Strobe Activation and Output Transition ............................................................................. 500 ns
SERIAL DATA present at the input is transferred to the shift register on the logic “0” to logic “1” transition of the CLOCK input
pulse. On succeeding CLOCK pulses, the registers shift data information towards the SERIAL DATA OUTPUT. The SERIAL
DATA must appear at the input prior to the rising edge of the CLOCK input waveform. Holding CLEAR high results in a data
logic "0" being clocked into the shift register, turning off respective channels.
Information present at any register is transferred to its respective latch when the STROBE is high (serial-to-parallel conversion).
The latches will continue to accept new data as long as the STROBE is held high. Applications where the latches are bypassed
(STROBE tied high) will require that the ENABLE input be high to prevent invalid output states.
When the ENABLE input is high, all of the output buffers are disabled (OFF) without affecting information stored in the latches
or shift register. With the ENABLE input low, the outputs are controlled by the state of the latches. A positive OE/RESET pulse
resets the FLAG and the output after a current shutdown fault. Over-temperature faults are not latched and require no reset
pulse.
CLOCK
DATA IN
STROBE
OUTPUT
ENABLE
D
B
A
E
C
G
OUTN
F
MIC59P60 Truth Table
Serial
Shift Register Contents
Serial
Latch Contents
Output Contents
Data
Clear Clock
Data
Strobe
Output
Input
Input Input
I1
I2
I3 ……
I8
Output
Input
I1
I2
I3
……
I8 Enable I1
I2
I3
…… I8
HH
R1
R2 …… R7
R7
LL
R1
R2 …… R7
R7
XR1
R2
R3 …… R8
R8
H
OOO ……
OL
XXX ……
XX
L
R1 R2
R3 …… R8
P1
P2
P3 …… P8
P8
HP1 P2
P3 …… P8
LP1
P2
P3 ……P8
XX
X
……
XH
H
H
H
…… H
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
O = Output OFF


Similar Part No. - MIC59P60BV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC59P60BV MICREL-MIC59P60BV Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
More results

Similar Description - MIC59P60BV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_15 Datasheet
692Kb / 13P
   8-Bit Serial-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_11 Datasheet
83Kb / 8P
   8-Bit Parallel-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com