Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

712H387C0808 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 712H387C0808
Description  Straight, 45째 & 90째 Environmental User-Installable Fitting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712H387C0808 Datasheet(HTML) 1 Page - Glenair, Inc.

  712H387C0808 Datasheet HTML 1Page - Glenair, Inc. 712H387C0808 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
C-14
E-Mail: sales@glenair.com
www.glenair.com
TO BE USED WITH
ADAPTERS AND
TRANSITIONS
SHOWN ON PAGES
G-1 THROUGH G-8
C
TYP
O-RING
A THREAD
(Table I)
STRAIGHT
CONDUIT
I.D.
F
TYP
E
CONE
LENGTH
LENGTH
B
TYP
712 S 387 M 16 12 - 6 A
Product
Series
Angular Function
H = 45°
J = 90°
S = Straight
Basic No.
Material/Finish
(Table III)
Conduit Type
Length in 1/2 inch (12.7) increments
(Example: 6 = 3.0 inches (76.2))
Minimum Length:
Dash No. (Table II) 08 to 24 = 1.50 (50.8)
Dash No. (Table II) 32 to 96 = 2.00 (63.5)
Dash No. (Table II)
Thread Dash No. (Table I)
90°
K
J
45°
H
45°
G
712-387
Straight, 45° & 90° Environmental User-Installable
Fitting for Series 75 Flexible Metal-Core Conduit


Similar Part No. - 712H387C0808

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712HH360M16 GLENAIR-712HH360M16 Datasheet
59Kb / 2P
   Non-Environmental User-Installable
712HH386M16 GLENAIR-712HH386M16 Datasheet
85Kb / 2P
   Environmental User-Installable
712HJ360M16 GLENAIR-712HJ360M16 Datasheet
59Kb / 2P
   Non-Environmental User-Installable
712HJ386M16 GLENAIR-712HJ386M16 Datasheet
85Kb / 2P
   Environmental User-Installable
712HK127M16 GLENAIR-712HK127M16 Datasheet
62Kb / 2P
   Non-Environmental User-Installable
More results

Similar Description - 712H387C0808

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712AK178M16 GLENAIR-712AK178M16 Datasheet
58Kb / 2P
   Non-Environmental User-Installable Fitting
712-188M20AD GLENAIR-712-188M20AD Datasheet
34Kb / 2P
   Environmental User-Installable Bulkhead Fitting
712-379 GLENAIR-712-379 Datasheet
101Kb / 1P
   Non-Environmental User-Installable Transition Fitting
710S188M16 GLENAIR-710S188M16 Datasheet
68Kb / 1P
   Non-Environmental User-Installable Transition Fitting
710CA004M GLENAIR-710CA004M Datasheet
114Kb / 2P
   Non-Environmental User-Installable Straight
712AH386M16 GLENAIR-712AH386M16 Datasheet
85Kb / 2P
   Environmental User-Installable
712-389M20CD GLENAIR-712-389M20CD Datasheet
48Kb / 2P
   User-Installable Bulkhead Fitting
712AK277M16 GLENAIR-712AK277M16 Datasheet
62Kb / 2P
   EMI Environmental User-Installable
712-380 GLENAIR-712-380 Datasheet
45Kb / 2P
   User-Installable Bulkhead Fitting
712AH360M16 GLENAIR-712AH360M16 Datasheet
59Kb / 2P
   Non-Environmental User-Installable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com