Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

657HS081AL19A Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 657HS081AL19A
Description  Dummy Jam Nut Stowage Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

657HS081AL19A Datasheet(HTML) 2 Page - Glenair, Inc.

  657HS081AL19A Datasheet HTML 1Page - Glenair, Inc. 657HS081AL19A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
G-45
G
TABLE II: FINISHES
Symbol
Finish
M
Electroless Nickel/Aluminum
NF
Cadmium Plate, Olive Drab over
Electroless Nickel/Aluminum
(500-Hour Salt Spray)
MT
Ni-PTFE 1000 Hour GreyTM
Nickel Fluorocarbon Polymer
MT
Ni-PTFE 1000 Hour GreyTM
Nickel Fluorocarbon Polymer/
Aluminum
AL
Electrodeposited Zinc-Nickel/
Aluminum (See Note 4)
ZR
Black ZN-NI/Aluminum
Z1
300 Series SST/Passivated
ZL
300 Series SST/Nickel Plated
657HS081
Dummy Jam Nut Stowage Receptacle for
MIL-DTL-38999 Series III Connector
Panel Cut-out
Recommended
G
F
TABLE I: DIMENSIONS
Shell
Size
Shell Size
Ref
A Thread
Class 2A
B Thread
Class 2A 0.100R
C
E Flat
+.004 (0.1)
-.006 (0.2)
F
+ .010 (0.3)
-.000 (0)
G
+.000 (0)
-.010 (0.3)
09
A
.625-.1P-3LTS
M17 x 1 - 6g
1.062 (27.0)
.651 (16.5)
.697 (17.7)
.669 (17.0)
11
B
.750-.1P-3LTS
M20 x 1 - 6g
1.250 (31.8)
.751 (19.1)
.822 (20.9)
.769 (19.5)
13
C
.875-.1P-3LTS
M25 x 1 - 6g
1.375 (34.9)
.938 (23.8) 1.007 (25.6)
.955 (24.3)
15
D
1.000-.1P-3LTS
M28 x 1 - 6g
1.500 (38.1) 1.061 (26.9) 1.134 (28.8) 1.084 (27.5)
17
E
1.187-.1P-3LTS
M32 x 1 - 6g*
1.625 (41.3) 1.187 (30.1) 1.259 (32.0) 1.208 (30.7)
19
F
1.250-.1P-3LTS
M35 x 1 - 6g
1.812 (46.0) 1.312 (33.3) 1.384 (35.2) 1.333 (33.9)
21
G
1.375-.1P-3LTS
M38 x 1 - 6g
1.931 (49.0) 1.437 (36.5) 1.501 (38.1) 1.459 (37.1)
23
H
1.500-.1P-3LTS
M41 x 1 - 6g
2.062 (52.4) 1.562 (39.7) 1.634 (41.5) 1.584 (40.2)
25
J
1.625-.1P-3LTS
M44 x 1 - 6g
2.188 (55.6) 1.687 (42.8) 1.759 (44.7) 1.709 (43.4)
*See Note 3.


Similar Part No. - 657HS081AL19A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
657H ETC2-657H Datasheet
324Kb / 8P
   600H and 600NH series
More results

Similar Description - 657HS081AL19A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
650HS058 GLENAIR-650HS058 Datasheet
223Kb / 2P
   Dummy Stowage Receptacle
650LS001M16 GLENAIR-650LS001M16 Datasheet
27Kb / 1P
   Dummy Stowage Receptacle
650FS002 GLENAIR-650FS002 Datasheet
180Kb / 1P
   Dummy Stowage Receptacle
650DS001B16 GLENAIR-650DS001B16 Datasheet
25Kb / 1P
   Dummy Stowage Receptacle
M38999-108B GLENAIR-M38999-108B Datasheet
74Kb / 1P
   Dummy Stowage Receptacle
M81511-19-08-1 GLENAIR-M81511-19-08-1 Datasheet
76Kb / 1P
   Dummy Stowage Receptacle
MS3105-8S GLENAIR-MS3105-8S Datasheet
35Kb / 1P
   Dummy Stowage Receptacle
M38999-911B GLENAIR-M38999-911B Datasheet
74Kb / 1P
   Dummy Stowage Receptacle
MS3115-8A GLENAIR-MS3115-8A Datasheet
120Kb / 1P
   Dummy Stowage Receptacle
650HS010 GLENAIR-650HS010 Datasheet
28Kb / 1P
   Dummy Stowage Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com