Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C22345-12PVXE Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C22345-12PVXE
Description  Automotive PSoC짰 Programmable System-on-Chip?
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C22345-12PVXE Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C22345-12PVXE Datasheet HTML 7Page - Cypress Semiconductor CY8C22345-12PVXE Datasheet HTML 8Page - Cypress Semiconductor CY8C22345-12PVXE Datasheet HTML 9Page - Cypress Semiconductor CY8C22345-12PVXE Datasheet HTML 10Page - Cypress Semiconductor CY8C22345-12PVXE Datasheet HTML 11Page - Cypress Semiconductor CY8C22345-12PVXE Datasheet HTML 12Page - Cypress Semiconductor CY8C22345-12PVXE Datasheet HTML 13Page - Cypress Semiconductor CY8C22345-12PVXE Datasheet HTML 14Page - Cypress Semiconductor CY8C22345-12PVXE Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
CY8C21345, CY8C21645
CY8C22345, CY8C22345H, CY8C22645
Document Number: 001-55397 Rev. *I
Page 11 of 36
Registers
This section lists the registers of this PSoC device family by mapping tables. For detailed register information, refer to the PSoC
Technical Reference Manual for CY8C21x45 and CY8C22x45 devices.
Register Conventions
The register conventions specific to this section are listed in the
following table.
Register Mapping Tables
The PSoC device has a total register address space of 512
bytes. The register space is referred to as I/O space and is
divided into two banks. The XIO bit in the Flag register (CPU_F)
determines which bank the user is currently in. When the XIO bit
is set the user is in Bank 1.
Note In the following register mapping tables, blank fields are
Reserved and must not be accessed.
Table 4. Abbreviations
Convention
Description
RW
Read and write register or bit(s)
R
Read register or bit(s)
W
Write register or bit(s)
L
Logical register or bit(s)
C
Clearable register or bit(s)
#
Access is bit specific
[+] Feedback


Similar Part No. - CY8C22345-12PVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22345-24SXI CYPRESS-CY8C22345-24SXI Datasheet
797Kb / 27P
   PSoC Programmable System-on-Chip
CY8C22345-24SXI CYPRESS-CY8C22345-24SXI Datasheet
531Kb / 39P
   PSoC짰 Programmable System-on-Chip
Revised April 9, 2013
CY8C22345-24SXIT CYPRESS-CY8C22345-24SXIT Datasheet
531Kb / 39P
   PSoC짰 Programmable System-on-Chip
Revised April 9, 2013
More results

Similar Description - CY8C22345-12PVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21334 CYPRESS-CY8C21334_11 Datasheet
980Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21345 CYPRESS-CY8C21345_12 Datasheet
878Kb / 47P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234_10 Datasheet
536Kb / 23P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C21312 CYPRESS-CY8C21312 Datasheet
958Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C24223A CYPRESS-CY8C24223A_13 Datasheet
714Kb / 50P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com