Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20524-12PVXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C20524-12PVXIT
Description  CapSense짰 PSoC짰 Programmable System-on-Chip?
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20524-12PVXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C20524-12PVXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C20524-12PVXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C20524-12PVXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C20524-12PVXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C20524-12PVXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20524-12PVXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20524-12PVXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20524-12PVXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20524-12PVXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
CY8C20224, CY8C20324
CY8C20424, CY8C20524
Document Number: 001-41947 Rev. *K
Page 3 of 40
PSoC® Functional Overview
The
PSoC
family
consists
of
many
programmable
system-on-chips with on-chip controller devices. These devices
are designed to replace multiple traditional MCU based system
components with one, low cost single chip programmable
component. A PSoC device includes configurable analog and
digital blocks, and programmable interconnect. This architecture
enables the user to create customized peripheral configurations,
to match the requirements of each individual application.
Additionally, a fast CPU, flash program memory, SRAM data
memory, and configurable I/O are included in a range of
convenient pinouts.
The PSoC architecture for this device family is comprised of
three main areas: core, system resources, and CapSense
analog system. A common, versatile bus enables connection
between I/O and the analog system. Each CY8C20x24 PSoC
device includes a dedicated CapSense block that provides
sensing and scanning control circuitry for capacitive sensing
applications. Depending on the PSoC package, up to 28 GPIOs
are also included. The GPIOs provide access to the MCU and
analog mux.
PSoC Core
The PSoC core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, and internal main
oscillator (IMO) and internal low-speed oscillator (ILO). The CPU
core, called the M8C, is a powerful processor with speeds up to
12 MHz. The M8C is a 2-MIPS, 8-bit Harvard-architecture
microprocessor.
System resources provide additional capability, such as a
configurable I2C slave or SPI master-slave communication
interface and various system resets supported by the M8C.
The analog system is composed of the CapSense PSoC block
and an internal 1.8-V analog reference. Together, they support
capacitive sensing of up to 28 inputs.
CapSense Analog System
The analog system contains the capacitive sensing hardware.
Several hardware algorithms are supported. This hardware
performs capacitive sensing and scanning without requiring
external components. Capacitive sensing is configurable on
each GPIO pin. Scanning of enabled CapSense pins are
completed quickly and easily across multiple ports.
Figure 1. Analog System Block Diagram
Analog Multiplexer System
The analog mux bus connects to every GPIO pin. Pins are
connected to the bus individually or in any combination. The bus
also connects to the analog system for analysis with the
CapSense block comparator.
Switch control logic enables selected pins to precharge
continuously under hardware control. This enables capacitive
measurement for applications such as touch sensing. The
analog multiplexer system in the CY8C20x24 device family is
optimized for basic CapSense functionality. It supports sensing
of CapSense buttons, proximity sensors, and a single slider.
Other multiplexer applications include:
Capacitive slider interface.
Chip-wide mux that enables analog input from any I/O pin.
Crosspoint connection between any I/O pin combinations.
When designing capacitive sensing applications, refer to the
latest signal to noise signal level requirements application notes,
which are found in http://www.cypress.com > Design Resources
> Application Notes. In general, and unless otherwise noted in
the relevant application notes, the minimum signal-to-noise ratio
(SNR) requirement for CapSense applications is 5:1.
IDAC
Reference
Buffer
Vr
Cinternal
Cap Sense Counters
Comparator
Mux
Mux
Refs
CapSense
Clock Select
Relaxation
Oscillator
(RO)
CSCLK
IMO
[+] Feedback


Similar Part No. - CY8C20524-12PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20524-12PVXIT CYPRESS-CY8C20524-12PVXIT Datasheet
1Mb / 34P
   CapSense PSoC Programmable System-on-Chip
CY8C20524-12PVXIT CYPRESS-CY8C20524-12PVXIT Datasheet
678Kb / 41P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20524-12PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20224 CYPRESS-CY8C20224_12 Datasheet
678Kb / 41P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com