Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

527-056TP1 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 527-056TP1
Description  EMI/RFI Strain-Relief Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527-056TP1 Datasheet(HTML) 2 Page - Glenair, Inc.

  527-056TP1 Datasheet HTML 1Page - Glenair, Inc. 527-056TP1 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
F-3
CAGE Code 06324
1. Metric dimensions (mm) are indicated in parentheses.
2. Material/Finish:
Backshell and Fittings = Al Alloy/See Table II
Hardware = SST/Passivate
527-056
EMI/RFI Strain-Relief Backshell
for Size 1 ARINC 600 Series Connector
Dash
No.
00 *
01
02
03
04
05
TABLE I: CABLE ENTRY
M
Max
N/A
.781 (19.8)
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.218 (30.9)
Min
N/A
.062
(1.6)
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
Max
N/A
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
Cable Range
* Clamp not supplied with dash number 00.
Height
Code
A
B
TABLE II
H
1.00
(25.4)
1.25
(31.8)
Symbol
B
C*
G*
J
LF
M
N
NC
NF
T
U**
ZN
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab
TABLE III:
FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and accesso-
ries. Consult factory for other available finishes.
TABLE IV: CONNECTOR DESIGNATOR
ARINC 600 series connector backshells are designed to replace the
insert retainer plates. Due to non-standard modifications by the
connector manufacturer, the backshell may require special design
alterations to mate properly. The following should be used to
determine if a backshell modification is required. Prior to ordering,
consult factory with connector part numbers not shown to ensure a
proper fit.
Connector
Designator
P
P1
P2
P3
P5
P6
Connector Description
All Manufacturer’s Plug and Receptacle Shells, Except
for Those Listed Below (Prior to ordering, consult factory
with connector part numbers not listed below to ensure a
proper fit.)
Cannon BKAD****322 Series Plug
Cannon/Radiall Environmental Plug
Cannon/Boeing BACC 66 Plug
Radiall/Boeing BACC66 Plug
Cannon BKAC & BKAE XXX322 Series Environmental
Plug


Similar Part No. - 527-056TP1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527-015B01 GLENAIR-527-015B01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015B02 GLENAIR-527-015B02 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015B03 GLENAIR-527-015B03 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015J01 GLENAIR-527-015J01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015J02 GLENAIR-527-015J02 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
More results

Similar Description - 527-056TP1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
   EMI/RFI Strain-Relief Backshell
297W-003 GLENAIR-297W-003 Datasheet
91Kb / 2P
   EMI/RFI Strain Relief Backshell
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527T123B3501 GLENAIR-527T123B3501 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
527E118B2001 GLENAIR-527E118B2001 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AH104B08 GLENAIR-380AH104B08 Datasheet
92Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com