Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21645 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C21645
Description  Automotive PSoC짰 Programmable System-on-Chip?
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21645 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C21645 Datasheet HTML 2Page - Cypress Semiconductor CY8C21645 Datasheet HTML 3Page - Cypress Semiconductor CY8C21645 Datasheet HTML 4Page - Cypress Semiconductor CY8C21645 Datasheet HTML 5Page - Cypress Semiconductor CY8C21645 Datasheet HTML 6Page - Cypress Semiconductor CY8C21645 Datasheet HTML 7Page - Cypress Semiconductor CY8C21645 Datasheet HTML 8Page - Cypress Semiconductor CY8C21645 Datasheet HTML 9Page - Cypress Semiconductor CY8C21645 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CY8C21345, CY8C21645
CY8C22345, CY8C22345H, CY8C22645
Document Number: 001-55397 Rev. *I
Page 6 of 36
Getting Started
For in depth information, along with detailed programming
details, see the PSoC® Technical Reference Manual.
For up-to-date ordering, packaging, and electrical specification
information, see the latest PSoC device datasheets on the web.
Application Notes
Cypress application notes are an excellent introduction to the
wide variety of possible PSoC designs.
Development Kits
PSoC Development Kits are available online from and through a
growing number of regional and global distributors, which
include Arrow, Avnet, Digi-Key, Farnell, Future Electronics, and
Newark.
Training
Free PSoC technical training (on demand, webinars, and
workshops), which is available online via www.cypress.com,
covers a wide variety of topics and skill levels to assist you in
your designs.
CYPros Consultants
Certified PSoC consultants offer everything from technical assis-
tance to completed PSoC designs. To contact or become a PSoC
consultant go to the CYPros Consultants web site.
Solutions Library
Visit our growing library of solution focused designs. Here you
can find various application designs that include firmware and
hardware design files that enable you to complete your designs
quickly.
Technical Support
Technical support – including a searchable Knowledge Base
articles and technical forums – is also available online. If you
cannot find an answer to your question, call our Technical
Support hotline at 1-800-541-4736.
Development Tools
PSoC Designer™ is the revolutionary Integrated Design
Environment (IDE) that you can use to customize PSoC to meet
your specific application requirements. PSoC Designer software
accelerates system design and time to market. Develop your
applications using a library of precharacterized analog and digital
peripherals (called user modules) in a drag-and-drop design
environment. Then, customize your design by leveraging the
dynamically generated application programming interface (API)
libraries of code. Finally, debug and test your designs with the
integrated debug environment, including in-circuit emulation and
standard software debug features. PSoC Designer includes:
Application editor graphical user interface (GUI) for device and
user module configuration and dynamic reconfiguration
Extensive user module catalog
Integrated source-code editor (C and assembly)
Free C compiler with no size restrictions or time limits
Built-in debugger
In-circuit emulation
Built-in support for communication interfaces:
Hardware and software I
2C slaves and masters
Full-speed USB 2.0
Up to four full-duplex universal asynchronous receiver/trans-
mitters (UARTs), SPI master and slave, and wireless
PSoC Designer supports the entire library of PSoC 1 devices and
runs on Windows XP, Windows Vista, and Windows 7.
PSoC Designer Software Subsystems
Design Entry
In the chip-level view, choose a base device to work with. Then
select different onboard analog and digital components that use
the PSoC blocks, which are called user modules. Examples of
user
modules
are
analog-to-digital
converters
(ADCs),
digital-to-analog converters (DACs), amplifiers, and filters.
Configure the user modules for your chosen application and
connect them to each other and to the proper pins. Then
generate your project. This prepopulates your project with APIs
and libraries that you can use to program your application.
The tool also supports easy development of multiple configura-
tions and dynamic reconfiguration. Dynamic reconfiguration
makes it possible to change configurations at run time. In
essence, this allows you to use more than 100 percent of PSoC's
resources for a given application.
Code Generation Tools
The code generation tools work seamlessly within the
PSoC Designer interface and have been tested with a full range
of debugging tools. You can develop your design in C, assembly,
or a combination of the two.
Assemblers. The assemblers allow you to merge assembly
code seamlessly with C code. Link libraries automatically use
absolute addressing or are compiled in relative mode, and linked
with other software modules to get absolute addressing.
[+] Feedback


Similar Part No. - CY8C21645

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21645 CYPRESS-CY8C21645 Datasheet
531Kb / 39P
   PSoC짰 Programmable System-on-Chip
Revised April 9, 2013
More results

Similar Description - CY8C21645

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21334 CYPRESS-CY8C21334_11 Datasheet
980Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21345 CYPRESS-CY8C21345_12 Datasheet
878Kb / 47P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234_10 Datasheet
536Kb / 23P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C21312 CYPRESS-CY8C21312 Datasheet
958Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C24223A CYPRESS-CY8C24223A_13 Datasheet
714Kb / 50P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com