Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500T010M31H04 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 500T010M31H04
Description  EMI/RFI Micro-D Banding Backshell and Round Cable Entry
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

500T010M31H04 Datasheet(HTML) 2 Page - Glenair, Inc.

  500T010M31H04 Datasheet HTML 1Page - Glenair, Inc. 500T010M31H04 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
M
M-7
Cable
Entry
Code
F
G
In.
± .010
mm.
± 0.25 In. mm.
04
.125 3.18
.281 7.14
05
.156 3.96
.312 7.92
06
.188 4.78
.344 8.74
07
.219 5.56
.375 9.53
08
.250 6.35
.406 10.31
09
.281 7.14
.437 11.10
10
.312 7.92
.469 11.91
11
.344 8.74
.500 12.70
12
.375 9.53
.531 13.49
EMI/RFI Micro-D Banding Backshell
and Round Cable Entry
500-010
CONNECTOR ORDERED
SEPARATELy
N
M
E - 45º ENTRY
SHOWN WITH H HEX HEAD
JACKSCREW
CONNECTOR ORDERED
SEPARATELy
S - SIDE ENTRY
SHOWN WITH E EXTENDED
JACKSCREW
L
K
J
CONNECTOR ORDERED
SEPARATELy
N
M
D - DUAL ENTRY
SHOWN WITH F FEMALE
JACKPOST
MATERIALS (SEE ORDERING INFO FOR FINISH OPTIONS)
Shell
Aluminum Alloy 6061 -T6 Per QQ-A-200, QQ-A-225 (Machined Components)
Aluminum Alloy 6061-T6 Per QQ-A-591 (A380) (Die-Cast Components)
Clips, E-Rings
17-7PH Stainless Steel
Jackscrews, Washers, Jackposts
300 Series Stainless Steel, Passivated
CONNECTOR ORDERED
SEPARATELy
T - TOP ENTRY
SHOWN WITH B FILISTER HEAD
JACKSCREW
G
F
E
H
D
.175 (4.4)
.44 (11.1)
#2-56 UNC THDS. 9-69 PIN
#4-40 UNC THDS. 100 PIN
C
B
A
DIMENSIONS
Size
A Max.
B Max.
C
D Max.
E Max.
H Max.
J Max.
K
L Max.
M Max.
N Max.
In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In.
mm.
09
.850 21.59 .370 9.40 .565 14.35 .780 19.81 .410 10.41 .350 8.89 .637 16.18 .435 11.05 1.040 26.42 1.000 25.40 .680 17.27
15 1.000 25.40 .370 9.40 .715 18.16 .910 23.11 .580 14.73 .470 11.94 .673 17.09 .440 11.2 1.170 29.72 1.030 26.16 .730 18.54
21 1.150 29.21 .370 9.40 .865 21.97 1.030 26.16 .740 18.80 .590 14.99 .707 17.95 .458 11.63 1.290 32.77 1.050 26.67 .765 19.43
25 1.250 31.75 .370 9.40 .965 24.51 1.090 27.69 .850 21.59 .650 16.51 .748 19.00 .483 12.27 1.350 34.29 1.090 27.69 .830 21.08
31 1.400 35.56 .370 9.40 1.115 28.32 1.150 29.21 .980 24.89 .710 18.03 .756 19.20 .476 12.09 1.420 36.07 1.130 28.70 .890 22.61
37 1.550 39.37 .370 9.40 1.265 32.13 1.190 30.23 1.130 28.70 .750 19.05 .774 19.66 .478 12.14 1.450 36.83 1.230 31.24 .955 24.26
51 1.500 38.10 .410 10.41 1.215 30.86 1.220 30.99 1.080 27.43 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
51-2 1.910 48.51 .370 9.40 1.615 41.02 1.220 30.99 1.510 38.35 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
67 2.310 58.67 .370 9.40 2.015 51.18 1.220 30.99 1.880 47.75 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
69 1.810 45.97 .410 10.41 1.515 38.48 1.220 30.99 1.380 35.05 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
100 2.235 56.77 .460 11.68 1.800 45.72 1.280 32.51 1.470 37.34 .840 21.34 1.014 25.76 .687 17.45 1.580 40.13 1.320 33.53 1.080 27.43


Similar Part No. - 500T010M31H04

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500T010M09B04 GLENAIR-500T010M09B04 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
500T010M09B05 GLENAIR-500T010M09B05 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
500T010M09B06 GLENAIR-500T010M09B06 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
500T010M09B07 GLENAIR-500T010M09B07 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
500T010M09E04 GLENAIR-500T010M09E04 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
More results

Similar Description - 500T010M31H04

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507S177B09B GLENAIR-507S177B09B Datasheet
315Kb / 2P
   EMI/RFI Micro-D Banding Backshell
507-164C0904BB GLENAIR-507-164C0904BB Datasheet
263Kb / 2P
   EMI/RFI Split Banding Micro-D Backshell Elliptical Entry
507-142-E09B GLENAIR-507-142-E09B_11 Datasheet
198Kb / 1P
   EMI/RFI Dual Entry Banding Backshell
507-171M09-BB GLENAIR-507-171M09-BB Datasheet
420Kb / 2P
   EMI/RFI Micro-D Banding Backshell Assembly with Eliptical Banding Porch
527-108 GLENAIR-527-108 Datasheet
50Kb / 2P
   EMI/RFI Banding Backshell
557109M2 GLENAIR-557109M2 Datasheet
171Kb / 2P
   EMI/RFI Banding Backshell Assembly
557S184M GLENAIR-557S184M Datasheet
118Kb / 2P
   EMI/RFI Banding Backshell Assembly
557331M GLENAIR-557331M Datasheet
120Kb / 2P
   EMI/RFI Banding Backshell Assembly
447AS326XM08 GLENAIR-447AS326XM08 Datasheet
292Kb / 2P
   Composite Standard Profile EMI/RFI Micro-Banding Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
   Composite EMI/RFI Banding Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com