Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-035FT18-6XX Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-035FT18-6XX
Description  Bayonet Coupling Narrow Flange Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-035FT18-6XX Datasheet(HTML) 2 Page - Glenair, Inc.

  230-035FT18-6XX Datasheet HTML 1Page - Glenair, Inc. 230-035FT18-6XX Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
D-11
D
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
A
Max
Length
B
Mounting
Holes
to
C Dia
Mounting
Locator
D Dia
Min
F
Mounting
Flange
Location
G
Flange
Thickness
J
Max
L Max
Overall
Length
P Min
Edge
Distance
8
.828 (21.0) .594 (15.1)
.469/.422
(11.9/10.7) .403 (10.2)
.462/.431
(11.7/10.9)
.078/.046
(2.0/1.2)
.354 (9.0) .978 (24.8)
.035
10
.954 (24.2) .719 (18.3)
.593/.546
(15.1/13.9) .515 (13.1)
.462/.431
(11.7/10.9)
.078/.046
(2.0/1.2)
.354 (9.0) .978 (24.8)
.035
12 1.047 (26.6) .812 (20.6)
.719/.672
(18.3/17.1) .630 (16.0)
.462/.431
(11.7/10.9)
.078/.046
(2.0/1.2)
.354 (9.0) .978 (24.8)
.035
14 1.141 (29.0) .906 (23.0)
.843/.796
(21.4/20.2) .755 (19.2)
.462/.431
(11.7/10.9)
.078/.046
(2.0/1.2)
.354 (9.0) .978 (24.8)
.035
16 1.234 (31.3) .969 (24.6)
.969/.922
(24.6/23.4) .880 (22.4)
.462/.431
(11.7/10.9)
.078/.046
(2.0/1.2)
.354 (9.0) .978 (24.8)
.035
18 1.328 (33.7) 1.062 (27.0) 1.093/1.046
(27.8/26.6) .980 (24.9)
.462/.431
(11.7/10.9)
.078/.046
(2.0/1.2)
.354 (9.0) .978 (24.8)
.035
20 1.453 (36.9) 1.156 (29.4) 1.219/1.172
(31.0/29.8) 1.105 (28.1)
.587/.556
(14.9/14.1)
.110/.078
(2.8/2.0)
.417 (10.6) 1.196 (29.9)
.050
22 1.578 (40.1) 1.250 (31.8) 1.343/1.296
(34.1/32.9) 1.230 (31.2)
.587/.556
(14.9/14.1)
.110/.078
(2.8/2.0)
.417 (10.6) 1.196 (29.9)
.050
24 1.703 (43.3) 1.375 (34.9) 1.469/1.422
(37.3/36.1) 1.385 (35.2)
.587/.556
(14.9/14.1)
.110/.078
(2.8/2.0)
.445 (11.3) 1.196 (29.9)
.050
CL CL
230-035
MIL-DTL-26482 Series I Type Hermetic
Bayonet Coupling Narrow Flange Mount Receptacle
MS3112 Type
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 230-035FT18-6XX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-035 GLENAIR-230-035 Datasheet
260Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
More results

Similar Description - 230-035FT18-6XX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-016FT-106P GLENAIR-230-016FT-106P_09 Datasheet
411Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
230-016 GLENAIR-230-016 Datasheet
278Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
230-035 GLENAIR-230-035 Datasheet
260Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
230-017 GLENAIR-230-017 Datasheet
410Kb / 2P
   Bayonet Coupling Wide Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
435Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
450Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
237-127 GLENAIR-237-127 Datasheet
427Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
256Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-017 GLENAIR-230-017 Datasheet
274Kb / 2P
   Bayonet Coupling Wide Flange Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com