Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

527-047JP Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527-047JP
Description  Multi-Function Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527-047JP Datasheet(HTML) 1 Page - Glenair, Inc.

  527-047JP Datasheet HTML 1Page - Glenair, Inc. 527-047JP Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
F-8
CAGE Code 06324
527-047
Multi-Function Backshell
for Size 2 ARINC 600 Series Connector
527-047 NF P 01 03 05 A
Basic Part No.
Finish (Table III)
Connector Designator (Table IV)
Dash No. (Table I) Position 1
Dash No. (Table I) Position 2
Dash No. (Table I) Position 3
Height Code (Table II)
Position 2
Position 1
Position 3
1.79
(45.5)
5.61 (142.5)
A
A
View A-A
Outlet Type B
(Accomodates
600-052 Bands)
Outlet
Type H
Shown
Outlet Type C
Shown
H
Metric dimensions (mm) are indicated in parentheses.
45° Chamfer
Both Ends
Mounting Hardware
Supplied - 10 Places
35°
Chamfer
4 Places


Similar Part No. - 527-047JP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527-015B01 GLENAIR-527-015B01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015B02 GLENAIR-527-015B02 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015B03 GLENAIR-527-015B03 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015J01 GLENAIR-527-015J01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015J02 GLENAIR-527-015J02 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
More results

Similar Description - 527-047JP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL1R ETC2-BL1R Datasheet
611Kb / 3P
   Multi-function or mono-function
BM1R ETC2-BM1R Datasheet
772Kb / 4P
   Multi-function or mono-function
BM2R ETC2-BM2R Datasheet
774Kb / 4P
   Multi-function or mono-function
BA1R ETC2-BA1R Datasheet
570Kb / 4P
   Multi-function or mono-function
logo
Microsemi Corporation
TSC341 MICROSEMI-TSC341 Datasheet
726Kb / 4P
   Multi-Function Gates
logo
Qualtek Electronics Cor...
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
   MULTI-FUNCTION MODULE
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
   MULTI-FUNCTION MODULE
762-18-003 QUALTEK-762-18-003 Datasheet
376Kb / 1P
   MULTI-FUNCTION MODULE
76218002 QUALTEK-76218002 Datasheet
835Kb / 1P
   MULTI-FUNCTION MODULE
766-32-001 QUALTEK-766-32-001 Datasheet
435Kb / 1P
   MULTI-FUNCTION MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com