Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3244PVI-155 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C3244PVI-155
Description  Programmable System-on-Chip (PSoC짰)
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3244PVI-155 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C3244PVI-155 Datasheet HTML 2Page - Cypress Semiconductor CY8C3244PVI-155 Datasheet HTML 3Page - Cypress Semiconductor CY8C3244PVI-155 Datasheet HTML 4Page - Cypress Semiconductor CY8C3244PVI-155 Datasheet HTML 5Page - Cypress Semiconductor CY8C3244PVI-155 Datasheet HTML 6Page - Cypress Semiconductor CY8C3244PVI-155 Datasheet HTML 7Page - Cypress Semiconductor CY8C3244PVI-155 Datasheet HTML 8Page - Cypress Semiconductor CY8C3244PVI-155 Datasheet HTML 9Page - Cypress Semiconductor CY8C3244PVI-155 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 119 page
background image
PSoC® 3: CY8C32 Family
Data Sheet
Document Number: 001-56955 Rev. *J
Page 6 of 119
Figure 2-2. 48-pin QFN Part Pinout[8]
QFN
(Top View)
10
11
12
Vssb
Ind
Vboost
Vbat
35
34
33
32
31
30
29
28
27
26
25
36
1
2
3
4
5
6
7
8
9
Vcca
Vssa
Vdda
P12[2] (SIO)
P12[3] (SIO)
P0[0] (GPIO)
P0[1] (GPIO)
P0[2] (GPIO)
P0[3] (Extref0, GPIO)
(GPIO) P2[6]
(GPIO) P2[7]
(GPIO, nTRST) P1[5]
(GPIO, TDI) P1[4]
(GPIO, TDO, SWV) P1[3]
(GPIO, TCK, SWDCK) P1[1]
(GPIO, TMS, SWDIO) P1[0]
(GPIO, Configurable XRES) P1[2]
P12[1] (SIO, I2C1: SDA)
P15[3] (GPIO, kHz XTAL: Xi)
P15[2] (GPIO, kHz XTAL: Xo)
Lines show
Vddio to I/O
supply
association
Notes
7. The center pad on the QFN package should be connected to digital ground (Vssd) for best mechanical, thermal, and electrical performance. If not connected to
ground, it should be electrically floated and not connected to any other signal.
8. PPins are Do Not Use (DNU) on devices without USB. The pin must be left floating.
[+] Feedback


Similar Part No. - CY8C3244PVI-155

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3244PVI-133 CYPRESS-CY8C3244PVI-133 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C3244PVI-133 CYPRESS-CY8C3244PVI-133 Datasheet
4Mb / 122P
   Programmable System-on-Chip (PSoC짰)
CY8C3244PVI-133 CYPRESS-CY8C3244PVI-133 Datasheet
3Mb / 121P
   Programmable System-on-Chip (PSoC짰)
CY8C3244PVI-133 CYPRESS-CY8C3244PVI-133 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3244PVI-155

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com