Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1415KV18-250BZXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1415KV18-250BZXC
Description  36-Mbit QDR짰 II SRAM 4-Word Burst Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1415KV18-250BZXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1415KV18-250BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1415KV18-250BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1415KV18-250BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1415KV18-250BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1415KV18-250BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1415KV18-250BZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1415KV18-250BZXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1415KV18-250BZXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1415KV18-250BZXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
CY7C1411KV18, CY7C1426KV18
CY7C1413KV18, CY7C1415KV18
Document Number: 001-57826 Rev. *B
Page 10 of 33
Concurrent Transactions
The read and write ports on the CY7C1413KV18 operate
independently of one another. As each port latches the address
inputs on different clock edges, the user can read or write to any
location, regardless of the transaction on the other port. If the
ports access the same location when a read follows a write in
successive clock cycles, the SRAM delivers the most recent
information associated with the specified address location. This
includes forwarding data from a write cycle that was initiated on
the previous K clock rise.
Read access and write access must be scheduled such that one
transaction is initiated on any clock cycle. If both ports are
selected on the same K clock rise, the arbitration depends on the
previous state of the SRAM. If both ports are deselected, the
read port takes priority. If a read was initiated on the previous
cycle, the write port takes priority (as read operations cannot be
initiated on consecutive cycles). If a write was initiated on the
previous cycle, the read port takes priority (as write operations
cannot be initiated on consecutive cycles). Therefore, asserting
both port selects active from a deselected state results in alter-
nating read or write operations being initiated, with the first
access being a read.
Depth Expansion
The CY7C1413KV18 has a port select input for each port. This
enables for easy depth expansion. Both port selects are sampled
on the rising edge of the positive input clock only (K). Each port
select input can deselect the specified port. Deselecting a port
does not affect the other port. All pending transactions (read and
write) are completed before the device is deselected.
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin
on the SRAM and VSS to allow the SRAM to adjust its output
driver impedance. The value of RQ must be 5 × the value of the
intended line impedance driven by the SRAM, the allowable
range of RQ to guarantee impedance matching with a tolerance
of ±15% is between 175
 and 350 , with VDDQ =1.5 V. The
output impedance is adjusted every 1024 cycles upon power-up
to account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the QDR II to simplify data capture
on high speed systems. Two echo clocks are generated by the
QDR II. CQ is referenced with respect to C and CQ is referenced
with respect to C. These are free running clocks and are
synchronized to the output clock of the QDR II. In the single clock
mode, CQ is generated with respect to K and CQ is generated
with respect to K. The timing for the echo clocks is shown in the
Switching Characteristics on page 26.
PLL
These chips use a PLL that is designed to function between
120 MHz and the specified maximum clock frequency. During
power up, when the DOFF is tied HIGH, the PLL is locked after
20
s of stable clock. The PLL can also be reset by slowing or
stopping the input clocks K and K for a minimum of 30 ns.
However, it is not necessary to reset the PLL to lock to the
desired frequency. The PLL automatically locks 20
s after a
stable clock is presented. The PLL may be disabled by applying
ground to the DOFF pin. When the PLL is turned off, the device
behaves in QDR I mode (with one cycle latency and a longer
access time).
[+] Feedback


Similar Part No. - CY7C1415KV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1415KV18 CYPRESS-CY7C1415KV18_12 Datasheet
936Kb / 35P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture
More results

Similar Description - CY7C1415KV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1425KV18 CYPRESS-CY7C1425KV18_12 Datasheet
893Kb / 33P
   36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1411KV18 CYPRESS-CY7C1411KV18_12 Datasheet
936Kb / 35P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C14101KV18 CYPRESS-CY7C14101KV18 Datasheet
894Kb / 31P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1425KV18 CYPRESS-CY7C1425KV18_13 Datasheet
895Kb / 33P
   36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1410KV18 CYPRESS-CY7C1410KV18 Datasheet
863Kb / 30P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1313CV18 CYPRESS-CY7C1313CV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM 4-Word Burst Architecture
CY7C13101KV18 CYPRESS-CY7C13101KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1310KV18 CYPRESS-CY7C1310KV18 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com