Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C64013C-SXCT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C64013C-SXCT
Description  Full-Speed USB (12-Mbps) Function
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64013C-SXCT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C64013C-SXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C64013C-SXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C64013C-SXCT Datasheet HTML 9Page - Cypress Semiconductor CY7C64013C-SXCT Datasheet HTML 10Page - Cypress Semiconductor CY7C64013C-SXCT Datasheet HTML 11Page - Cypress Semiconductor CY7C64013C-SXCT Datasheet HTML 12Page - Cypress Semiconductor CY7C64013C-SXCT Datasheet HTML 13Page - Cypress Semiconductor CY7C64013C-SXCT Datasheet HTML 14Page - Cypress Semiconductor CY7C64013C-SXCT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
CY7C64013C
CY7C64113C
Document Number: 38-08001 Rev. *D
Page 11 of 53
Program Memory Organization
after reset
Address
14-bit PC
0x0000
Program execution begins here after a reset
0x0002
USB Bus Reset interrupt vector
0x0004
128-µs timer interrupt vector
0x0006
1.024-ms timer interrupt vector
0x0008
USB address A endpoint 0 interrupt vector
0x000A
USB address A endpoint 1 interrupt vector
0x000C
USB address A endpoint 2 interrupt vector
0x000E
USB address A endpoint 3 interrupt vector
0x0010
USB address A endpoint 4 interrupt vector
0x0012
Reserved
0x0014
DAC interrupt vector
0x0016
GPIO interrupt vector
0x0018
I2C interrupt vector
0x001A
Program Memory begins here
0x1FDF
8 KB (-32) PROM ends here (CY7C64013C, CY7C64113C)
[+] Feedback


Similar Part No. - CY7C64013C-SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64013C-SXCT CYPRESS-CY7C64013C-SXCT Datasheet
2Mb / 51P
   Full-Speed USB (12-Mbps) Function
More results

Similar Description - CY7C64013C-SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64013 CYPRESS-CY7C64013 Datasheet
400Kb / 48P
   Full-Speed USB (12 Mbps) Function
CY7C64013C CYPRESS-CY7C64013C Datasheet
2Mb / 51P
   Full-Speed USB (12-Mbps) Function
logo
Panasonic Semiconductor
MN101E35 PANASONIC-MN101E35 Datasheet
325Kb / 3P
   Conforms to USB 2.0: Full-speed (12 Mbps) supported
logo
Cypress Semiconductor
CY7C66013 CYPRESS-CY7C66013 Datasheet
449Kb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_08 Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013 CYPRESS-CY7C66013 Datasheet
435Kb / 53P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C Datasheet
2Mb / 61P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_11 Datasheet
1Mb / 61P
   Full Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
logo
ATMEL Corporation
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com