Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1420KV18-333BZI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1420KV18-333BZI
Description  36-Mbit DDR II SRAM 2-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1420KV18-333BZI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1420KV18-333BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1420KV18-333BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1420KV18-333BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1420KV18-333BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1420KV18-333BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1420KV18-333BZI Datasheet HTML 12Page - Cypress Semiconductor CY7C1420KV18-333BZI Datasheet HTML 13Page - Cypress Semiconductor CY7C1420KV18-333BZI Datasheet HTML 14Page - Cypress Semiconductor CY7C1420KV18-333BZI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
CY7C1416KV18, CY7C1427KV18
CY7C1418KV18, CY7C1420KV18
Document Number: 001-57827 Rev. *B
Page 11 of 32
Truth Table
The truth table for the CY7C1416KV18, CY7C1427KV18, CY7C1418KV18, and CY7C1420KV18 follow.[2, 3, 4, 5, 6, 7]
Operation
K
LD
R/W
DQ
DQ
Write cycle:
Load address; wait one cycle;
input write data on consecutive K and K rising edges.
L–H
L
L
D(A1) at K(t + 1)
 D(A2) at K(t + 1) 
Read cycle:
Load address; wait one and a half cycle;
read data on consecutive C and C rising edges.
L–H
L
H
Q(A1) at C(t + 1)
 Q(A2) at C(t + 2) 
NOP: No operation
L–H
H
X
High Z
High Z
Standby: Clock stopped
Stopped
X
X
Previous state
Previous state
Burst Address Table
(CY7C1418KV18, CY7C1420KV18)
First Address (External)
Second Address (Internal)
X..X0
X..X1
X..X1
X..X0
Write Cycle Descriptions
The write cycle description table for CY7C1416KV18 and CY7C1418KV18 follows.[2, 8]
BWS0/
NWS0
BWS1/
NWS1
K
K
Comments
L
L
L–H
During the data portion of a write sequence
CY7C1416KV18
both nibbles (D[7:0]) are written into the device.
CY7C1418KV18
both bytes (D[17:0]) are written into the device.
L
L
L–H During the data portion of a write sequence
CY7C1416KV18
both nibbles (D[7:0]) are written into the device.
CY7C1418KV18
both bytes (D[17:0]) are written into the device.
L
H
L–H
During the data portion of a write sequence
CY7C1416KV18
only the lower nibble (D[3:0]) is written into the device, D[7:4] remains unaltered.
CY7C1418KV18
only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
L
H
L–H During the data portion of a write sequence
CY7C1416KV18
only the lower nibble (D[3:0]) is written into the device, D[7:4] remains unaltered.
CY7C1418KV18
only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
H
L
L–H
During the data portion of a write sequence
CY7C1416KV18
only the upper nibble (D[7:4]) is written into the device, D[3:0] remains unaltered.
CY7C1418KV18
only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
L
L–H During the data portion of a write sequence
CY7C1416KV18
only the upper nibble (D[7:4]) is written into the device, D[3:0] remains unaltered.
CY7C1418KV18
only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
H
L–H
No data is written into the devices during this portion of a write operation.
H
H
L–H No data is written into the devices during this portion of a write operation.
Notes
2. X = “Don’t Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
3. Device powers up deselected with the outputs in a tristate condition.
4. On CY7C1418KV18 and CY7C1420KV18, “A1” represents address location latched by the devices when transaction was initiated and “A2” represents the addresses
sequence in the burst. On CY7C1416KV18 and CY7C1427KV18, “A1” represents A + ‘0’ and “A2” represents A + ‘1’.
5. “t” represents the cycle at which a read/write operation is started. t + 1 and t + 2 are the first and second clock cycles succeeding the “t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. Ensure that when the clock is stopped K = K and C = C = HIGH. This is not essential, but permits most rapid restart by overcoming transmission line charging
symmetrically.
8. Is based on a write cycle that was initiated in accordance with the Write Cycle Descriptions table. NWS0, NWS1, BWS0, BWS1, BWS2, and BWS3 can be altered on
different portions of a write cycle, as long as the setup and hold requirements are achieved.
[+] Feedback


Similar Part No. - CY7C1420KV18-333BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1420KV18 CYPRESS-CY7C1420KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
More results

Similar Description - CY7C1420KV18-333BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1416BV18 CYPRESS-CY7C1416BV18_07 Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416JV18 CYPRESS-CY7C1416JV18 Datasheet
630Kb / 26P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416AV18 CYPRESS-CY7C1416AV18_06 Datasheet
495Kb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416AV18 CYPRESS-CY7C1416AV18 Datasheet
272Kb / 24P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416BV18 CYPRESS-CY7C1416BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422KV18 CYPRESS-CY7C1422KV18 Datasheet
944Kb / 32P
   36-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18_07 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com