Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-028ZL20-3PZ Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-028ZL20-3PZ
Description  Threaded Coupling Square Flange Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-028ZL20-3PZ Datasheet(HTML) 2 Page - Glenair, Inc.

  230-028ZL20-3PZ Datasheet HTML 1Page - Glenair, Inc. 230-028ZL20-3PZ Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
E-15
E
230-028
MIL-DTL-83723/88 Series III Type Hermetic
Threaded Coupling Square Flange Mount Receptacle
with Solder Cup Terminations
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
A
B
C Dia
D Dia
Shell I.D.
E Dia
Resilient
Insert
F Dia
Max
Seal
G Dia
Max
H Dia
Thru
4 Pl
CC Dia
Min
R
Coupling
Thread
UNEF-2A
Panel
Cut-Out
8
.812 (20.6)
.594 (15.1)
.500/.494
(12.7/12.5)
.418/.413
(10.6/10.5)
.290 (7.4)
.394 (10.0)
.562 (14.3) .125/.116
(3.2/2.9) .400 (10.2)
.562-24
.572 (14.5)
10
.937 (23.8)
.719 (18.3)
.562/.556
(14.3/14.1)
.535/.530
(13.6/13.5)
.388 (9.9)
.515 (13.1)
.696 (17.7) .125/.116
(3.2/2.9) .411 (10.4)
.688-24
.706 (17.9)
12
1.031 (26.2)
.812 (20.6)
.750/.744
(19.1/18.9)
.705/.700
(17.9/17.8)
.558 (14.2)
.685 (17.4)
.875 (22.2) .125/.116
(3.2/2.9) .581 (14.8)
.875-20
.885 (22.5)
14
1.125 (28.6)
.906 (23.0)
.812/.806
(20.6/20.5)
.774/.796
(19.7/20.2)
.627 (15.9)
.754 (19.2)
.935 (23.7) .125/.116
(3.2/2.9) .650 (16.5)
.938-20
.946 (24.0)
16
1.250 (31.8)
.969 (24.6)
.937/.931
(23.8/23.6)
.901/.896
(22.9/22.8)
.772 (19.6)
.881 (22.4) 1.062 (27.0) .125/.116
(3.2/2.9) .777 (19.8)
1.062-18
1.072 (27.2)
18
1.343 (34.1) 1.062 (27.0) 1.062/1.056
(27.0/26.8)
1.007/1.002\
(25.6/25.5)
.860 (21.8)
.987 (25.1) 1.187 (30.1) .125/.116
(3.2/2.9) .864 (21.9)
1.188-18
1.197 (30.4)
20
1.437 (36.5) 1.156 (29.4) 1.187/1.181
(30.1/30.0)
1.132/1.125
(28.8/28.6)
.985 (25.0)
1.112 (28.2) 1.312 (33.3) .125/.116
(3.2/2.9) 1.034 (26.3)
1.312-18
1.322 (33.6)
22
1.562 (39.7) 1.250 (31.8) 1.312/1.306
(33.3/33.2)
1.257/1.252
(31.9/31.8)
1.110 (28.2) 1.237 (31.4) 1.437 (36.5) .125/.116
(3.2/2.9) 1.133 (28.8)
1.438-18
1.447 (36.8)
24
1.703 (43.3) 1.375 (34.9) 1.437/1.431
(36.5/36.3)
1.382/1.377
(35.1/35.0)
1.235 (31.4) 1.362 (34.6) 1.562 (39.7) .154/.145
(3.9/3.7) 1.284 (32.6)
1.562-18
1.572 (39.9)
R Thread
.025 Min
Width
.433 To Rear Of
Fully-mated
Indicator Line
Panel Cut Out
Ø
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 230-028ZL20-3PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-028 GLENAIR-230-028 Datasheet
290Kb / 2P
   Threaded Coupling Square Flange Mount Receptacle
More results

Similar Description - 230-028ZL20-3PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-028 GLENAIR-230-028 Datasheet
290Kb / 2P
   Threaded Coupling Square Flange Mount Receptacle
250-013Z18S-6PW GLENAIR-250-013Z18S-6PW_09 Datasheet
412Kb / 2P
   Threaded Coupling Square Flange Receptacle Connector
230-030 GLENAIR-230-030 Datasheet
442Kb / 2P
   Threaded Coupling Solder Flange Mount Receptacle
230-030 GLENAIR-230-030 Datasheet
261Kb / 2P
   Threaded Coupling Solder Flange Mount Receptacle
230-023 GLENAIR-230-023 Datasheet
259Kb / 2P
   Bayonet Coupling Square Flange Receptacle Connector
230-023 GLENAIR-230-023 Datasheet
438Kb / 2P
   Bayonet Coupling Square Flange Receptacle Connector
237-133 GLENAIR-237-133 Datasheet
273Kb / 2P
   Square Flange Mount Receptacle
230-029 GLENAIR-230-029 Datasheet
429Kb / 2P
   Threaded Coupling Jam-Nut Mount Receptacle
250-025 GLENAIR-250-025 Datasheet
265Kb / 2P
   Threaded Coupling Flangeless Mount Receptacle Connector
230-029 GLENAIR-230-029 Datasheet
273Kb / 2P
   Threaded Coupling Jam-Nut Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com