Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1522KV18 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1522KV18
Description  72-Mbit DDR II SIO SRAM 2-Word Burst Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1522KV18 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1522KV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C1522KV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1522KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1522KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1522KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1522KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1522KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1522KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1522KV18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
CY7C1522KV18, CY7C1529KV18
CY7C1523KV18, CY7C1524KV18
72-Mbit DDR II SIO SRAM 2-Word
Burst Architecture
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-00438 Rev. *I
Revised March 11, 2011
72-Mbit DDR II SIO SRAM 2-Word Burst Architecture
Features
72 Mbit Density (8 M × 8, 8 M × 9, 4 M × 18, 2 M × 36)
333 MHz Clock for High Bandwidth
2-word Burst for reducing Address Bus Frequency
Double Data Rate (DDR) Interfaces
(data transferred at 666 MHz) at 333 MHz
Two Input Clocks (K and K) for precise DDR Timing
SRAM uses rising edges only
Two Input Clocks for Output Data (C and C) to minimize Clock
Skew and Flight Time mismatches
Echo Clocks (CQ and CQ) simplify Data Capture in High Speed
Systems
Synchronous Internally Self timed Writes
DDR II operates with 1.5 Cycle Read Latency when DOFF is
asserted HIGH
Operates similar to DDR-I Device with 1 Cycle Read Latency
when DOFF is asserted LOW
1.8 V Core Power Supply with HSTL Inputs and Outputs
Variable Drive HSTL Output Buffers
Expanded HSTL Output Voltage (1.4 V–VDD)
Supports both 1.5 V and 1.8 V IO supply
Available in 165-ball FBGA Package (13 × 15 × 1.4 mm)
Offered in both Pb-free and non Pb-free Packages
JTAG 1149.1 compatible Test Access Port
Phase Locked Loop (PLL) for accurate Data Placement
Configurations
CY7C1522KV18 – 8 M × 8
CY7C1529KV18 – 8 M × 9
CY7C1523KV18 – 4 M × 18
CY7C1524KV18 – 2 M × 36
Functional Description
The CY7C1522KV18, CY7C1529KV18, CY7C1523KV18, and
CY7C1524KV18 are 1.8 V Synchronous Pipelined SRAMs,
equipped with DDR II SIO (Double Data Rate Separate I/O)
architecture. The DDR II SIO consists of two separate ports: the
read port and the write port to access the memory array. The
read port has data outputs to support read operations and the
write port has data inputs to support write operations. The DDR
II SIO has separate data inputs and data outputs to completely
eliminate the need to “turnaround” the data bus required with
common I/O devices. Access to each port is accomplished
through a common address bus. Addresses for read and write
are latched on alternate rising edges of the input (K) clock. Write
data is registered on the rising edges of both K and K. Read data
is driven on the rising edges of C and C if provided, or on the
rising edge of K and K if C/C are not provided. Each address
location is associated with two 8-bit words in the case of
CY7C1522KV18,
two
9-bit
words
in
the
case
of
CY7C1529KV18,
two
18-bit
words
in
the
case
of
CY7C1523KV18, and two 36-bit words in the case of
CY7C1524KV18 that burst sequentially into or out of the device.
Asynchronous inputs include an output impedance matching
input (ZQ). Synchronous data outputs are tightly matched to the
two output echo clocks CQ/CQ, eliminating the need to capture
data separately from each individual DDR II SIO SRAM in the
system design. Output data clocks (C/C) enable maximum
system clocking and data synchronization flexibility.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
Selection Guide
Description
333 MHz
300 MHz
250 MHz
200 MHz
167 MHz
Unit
Maximum Operating Frequency
333
300
250
200
167
MHz
Maximum Operating Current
× 8
510
480
420
370
340
mA
× 9
510
480
420
370
340
× 18
520
490
430
380
340
× 36
640
600
530
450
400
[+] Feedback


Similar Part No. - CY7C1522KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18-167BZC CYPRESS-CY7C1522AV18-167BZC Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18-167BZC CYPRESS-CY7C1522AV18-167BZC Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18-167BZI CYPRESS-CY7C1522AV18-167BZI Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1522KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522JV18 CYPRESS-CY7C1522JV18 Datasheet
664Kb / 27P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com