Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

507-062NB Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 507-062NB
Description  EMI/RFI Backshell With Lamp Thread Type Split Strain-Relief
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

507-062NB Datasheet(HTML) 1 Page - Glenair, Inc.

  507-062NB Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
E-3
CAGE Code 06324
“F” Entry
“E” Entry
“D” Entry
“A” Entry
“C” Entry
“B” Entry
1.38 (35.1) Max
B
C
A
D
2.00
(50.8)
G
Cable Entry
.62 (15.8)
F
E
507-062
EMI/RFI Backshell
With Lamp Thread Type Split Strain-Relief
for MIL-C-83733 Connectors
1. Metric dimensions (mm) are indicated in
parentheses.
2. When entry options “C” and/or “D” are se-
lected, entry option “B” cannot be selected.
When “C” and “D” are selected on shell size A,
the maximum dash number available is 02.
3. Material/Finish:
Backshell, Adapter, Clamp,
Ferrule = Al Alloy/See Table III
Hardware = SST/Passivate
Sym.
B
M
N
NF
TABLE III: FINISHES
Finish
Cadmium Plate,
Olive Drab
Electroless Nickel
Cadmium Plate,
Olive Drab, Over
Nickel
Cadmium Plate,
Olive Drab, Over
Electroless
Nickel (500 Hour
Salt Spray)
CONSULT FACTORY FOR
OTHER AVAILABLE
FINISHES
Dash
No.
01
02
03
04
05
06
TABLE II: CABLE ENTRY
E
Max
.510 (13.0)
.577 (14.7)
.702 (17.8)
.827 (21.0)
.982 (24.9)
1.077 (27.4)
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.250
(6.4)
.375
(9.5)
.500 (12.7)
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
Cable Entry
507-062 M B A06 B03 E05 F04 E
Basic Part No.
Finish (Table III)
Shell Size (Table I)
E = Strain Relief, Omit for Gland Nut
Entry Location (A, B, C, D, E, F)
and Dash No. (Table II) - See Note 2
Shell
Size
A
B
TABLE I: DIMENSIONS
A
Dim
2.095 (53.2)
3.395 (86.2)
B
Dim
1.000 (25.4)
1.000 (25.4)
C
± .005
(.1)
1.895 (48.1)
3.195 (81.2)
D
± .005
(.1)
.815 (20.7)
.815 (20.7)
Max
Entry
.750 (19.1)
.750 (19.1)
F Entry
Max
.078
(2.0)
.203
(5.2)
.328
(8.3)
.453 (11.5)
.578 (14.7)
.703 (17.9)
G
Max
.78
(19.8)
.97
(24.6)
1.05
(26.7)
1.16
(29.5)
1.22
(31.0)
1.34
(34.0)


Similar Part No. - 507-062NB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507-001 GLENAIR-507-001 Datasheet
77Kb / 1P
   Split Backshell for MIL-C-81659 Connectors
507-001B GLENAIR-507-001B Datasheet
77Kb / 1P
   Split Backshell for MIL-C-81659 Connectors
507-001M GLENAIR-507-001M Datasheet
77Kb / 1P
   Split Backshell for MIL-C-81659 Connectors
507-001N GLENAIR-507-001N Datasheet
77Kb / 1P
   Split Backshell for MIL-C-81659 Connectors
507-001NF GLENAIR-507-001NF Datasheet
77Kb / 1P
   Split Backshell for MIL-C-81659 Connectors
More results

Similar Description - 507-062NB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
550T003M GLENAIR-550T003M Datasheet
133Kb / 2P
   EMI/RFI D-Subminiature Strain-Relief Split Backshell
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
   EMI/RFI Strain-Relief Backshell
527-056 GLENAIR-527-056 Datasheet
56Kb / 2P
   EMI/RFI Strain-Relief Backshell
297W-003 GLENAIR-297W-003 Datasheet
91Kb / 2P
   EMI/RFI Strain Relief Backshell
550T002M GLENAIR-550T002M Datasheet
120Kb / 2P
   Environment Resisting EMI/RFI Subminiature Strain-Relief Split Backshell
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527T123B3501 GLENAIR-527T123B3501 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
527E118B2001 GLENAIR-527E118B2001 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
550T005M GLENAIR-550T005M Datasheet
134Kb / 2P
   EMI/RFI D-Subminiature Split Backshell Lamp-Thread Type Shield Termination
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com