Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1356C Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1356C
Description  9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1356C Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1356C Datasheet HTML 1Page - Cypress Semiconductor CY7C1356C Datasheet HTML 2Page - Cypress Semiconductor CY7C1356C Datasheet HTML 3Page - Cypress Semiconductor CY7C1356C Datasheet HTML 4Page - Cypress Semiconductor CY7C1356C Datasheet HTML 5Page - Cypress Semiconductor CY7C1356C Datasheet HTML 6Page - Cypress Semiconductor CY7C1356C Datasheet HTML 7Page - Cypress Semiconductor CY7C1356C Datasheet HTML 8Page - Cypress Semiconductor CY7C1356C Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CY7C1354C, CY7C1356C
Document Number: 38-05538 Rev. *K
Page 4 of 32
Pin Configurations
Figure 1. 100-pin TQFP
Selection Guide
Description
250 MHz
200 MHz
166 MHz
Unit
Maximum access time
2.8
3.2
3.5
ns
Maximum operating current
250
220
180
mA
Maximum CMOS standby current
40
40
40
mA
VDDQ
VSS
DQb
DQb
DQb
VSS
VDDQ
DQb
DQb
VSS
NC
VDD
DQa
DQa
VDDQ
VSS
DQa
DQa
VSS
VDDQ
VDDQ
VSS
DQc
DQc
VSS
VDDQ
DQc
VDD
VSS
DQd
DQd
VDDQ
VSS
DQd
DQd
DQd
VSS
VDDQ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
CY7C1354C
A
NC
NC
VDDQ
VSS
NC
DQPa
DQa
DQa
VSS
VDDQ
DQa
DQa
VSS
NC
VDD
DQa
DQa
VDDQ
VSS
DQa
DQa
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSS
NC
NC
DQb
DQb
VSS
VDDQ
DQb
DQb
VDD
VSS
DQb
DQb
VDDQ
VSS
DQb
DQb
DQPb
NC
VSS
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
CY7C1356C
DQc
DQc
DQc
DQc
DQPc
DQd
DQd
DQd
DQPb
DQb
DQa
DQa
DQa
DQa
DQPa
DQb
DQb
(256 K × 36)
(512 K × 18)
NC
NC
NC
DQc
NC
DQPd
[+] Feedback


Similar Part No. - CY7C1356C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1356C CYPRESS-CY7C1356C Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356C-166AXC CYPRESS-CY7C1356C-166AXC Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356C-166AXI CYPRESS-CY7C1356C-166AXI Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356C-166BGC CYPRESS-CY7C1356C-166BGC Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356C-166BGI CYPRESS-CY7C1356C-166BGI Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1356C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1372D CYPRESS-CY7C1372D_12 Datasheet
968Kb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com