Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-034-5-15PCA Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-034-5-15PCA
Description  Micro-D Filter Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-034-5-15PCA Datasheet(HTML) 2 Page - Glenair, Inc.

  240-034-5-15PCA Datasheet HTML 1Page - Glenair, Inc. 240-034-5-15PCA Datasheet HTML 2Page - Glenair, Inc. 240-034-5-15PCA Datasheet HTML 3Page - Glenair, Inc. 240-034-5-15PCA Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D-17
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
D
240-034
Micro-D Filter Connectors
Right Angle Printed Circuit Board
TABLE ll: CAPACITOR ARRAY CODE
CAPACITANCE RANGE*
CLASS
PI - CIRCUIT (pF)
C - CIRCUIT (pF)
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
TABLE I: SHELL FINISH
SYM MATERIAL
FINISH DESCRIPTION
1
Aluminum
Cadmium
2
Aluminum
Nickel
5
Aluminum
Gold
6
Aluminum
Chem Film
33
Aluminum
Ni-PTFE 1000 Hour GreyTM
MICRO-D FILTER CLASSES AND PERFORMANCE
Filter Class →
A
B
C
D
E
F
G
Capacitance, Picofarads (pF)
C Filter
19000-28000
16000-22500
9000-16500
4000-6000
1650-2500
400-650
200-300
Pi Filter
38000-56000
32000-45000
18000-33000
8000-12000
3300-5000
800-1300
400-600
Insertion Loss, dB Minimum, 25° C.
Filter Type →
C
Pi
C
Pi
C
Pi
C
Pi
C
Pi
C
Pi
C
Pi
1 MHz
6
10
5
8
3
5
1
10 MHz
24
40
23
35
16
25
8
14
4
8
2
0.8
100 MHz
41
62
39
60
35
57
28
50
21
40
10
15
5
13
500-1000 MHz
50
66
49
62
46
60
41
58
34
52
23
32
17
22
MICRO-D FILTER RIGHT ANGLE PCB CONNECTORS
C Filter
Pi Filter
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
H
J
H
J
In.
mm.
In.
±.003
mm.
± 0.08 In.
mm.
In.
mm.
In.
mm.
In.
±.004
mm.
± 0.10 In.
mm.
In.
±.010
mm.
±0.25
In.
±.010
mm.
±0.25
In.
±.010
mm.
±0.25
In.
±.010
mm.
±0.25
9P
.785 19.94 .565 14.35 .333 8.46 .184 4.67 .310 7.87 .183 4.65 .420 10.67 .440 11.18 .460 11.68 .740 18.80 .760 19.30
9S
.785 19.94 .565 14.35 .400 10.16 .250 6.35 .310 7.87 .195 4.95 .420 10.67 .440 11.18 .460 11.68 .740 18.80 .760 19.30
15P
.935 23.75 .715 18.16 .483 12.27 .184 4.67 .310 7.87 .183 4.65 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
15S
.935 23.75 .715 18.16 .551 14.00 .250 6.35 .310 7.87 .195 4.95 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
21P
1.085 27.56 .865 21.97 .633 16.08 .184 4.67 .310 7.87 .183 4.65 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
21S
1.085 27.56 .865 21.97 .701 17.81 .250 6.35 .310 7.87 .195 4.95 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
25P
1.185 30.01 .965 24.51 .733 18.62 .184 4.67 .310 7.87 .183 4.65 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
25S
1.185 30.01 .965 24.51 .801 20.35 .250 6.35 .310 7.87 .195 4.95 .420 10.67 .340 8.64 .460 11.68 .640 16.26 .760 19.30
31P
1.335 33.91 1.115 28.32 .883 22.43 .184 4.67 .310 7.87 .183 4.65 .520 13.21 .340 8.64 .460 11.68 .640 16.26 .760 19.30
31S
1.335 33.91 1.115 28.32 .951 24.16 .250 6.35 .310 7.87 .195 4.95 .520 13.21 .340 8.64 .460 11.68 .640 16.26 .760 19.30
37P
1.485 37.72 1.265 32.13 1.033 26.24 .184 4.67 .310 7.87 .183 4.65 .520 13.21 .340 8.64 .460 11.68 .640 16.26 .760 19.30
37S
1.485 37.72 1.265 32.13 1.101 27.96 .250 6.35 .310 7.87 .195 4.95 .520 13.21 .340 8.64 .460 11.68 .640 16.26 .760 19.30


Similar Part No. - 240-034-5-15PCA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-034-5-15PC GLENAIR-240-034-5-15PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
More results

Similar Description - 240-034-5-15PCA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
   PCB Micro-D Filter Connectors
240-030-1-9P GLENAIR-240-030-1-9P Datasheet
156Kb / 2P
   Micro-D Filter Connectors Solder Cup
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
240-077 GLENAIR-240-077 Datasheet
125Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com