Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

319HS134XW10P Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 319HS134XW10P
Description  Composite EMI/RFI Ultra Low-Profile Shield Sock
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319HS134XW10P Datasheet(HTML) 2 Page - Glenair, Inc.

  319HS134XW10P Datasheet HTML 1Page - Glenair, Inc. 319HS134XW10P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-17
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
319-134
Composite EMI/RFI Ultra Low-Profile Shield Sock
with Shrink Boot Porch and Self Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size
E
± .06
F
± .09
G
Max
H
± .03
J
K
F
H
08
09
.72 (18.3)
.87 (22.1)
.63 (16.0)
1.042 (26.5)
.304 (7.7)
.160 (4.1)
10
11
.75 (19.1)
.93 (23.6)
.66 (16.8)
1.107 (28.1) .432 (11.0)
.174 (4.4)
12
13
.75 (19.1)
1.00 (25.4)
.72 (18.3)
1.174 (29.8) .546 (13.9)
.195 (5.0)
14
15
.76 (19.3)
1.03 (26.2)
.83 (21.1)
1.241 (31.5) .670 (17.0)
.315 (8.0)
16
17
.78 (19.8)
1.05 (26.7)
.91 (23.1)
1.305 (33.1) .796 (20.2)
.385 (9.8)
18
19
.79 (20.1)
1.06 (26.9)
.93 (23.6)
1.371 (34.8) .902 (22.9)
.445 (11.3)
20
21
.82 (20.8)
1.09 (27.7)
1.04 (26.4) 1.438 (36.5) 1.027 (26.1) .525 (13.3)
22
23
.86 (21.8)
1.13 (28.7)
1.12 (28.4) 1.505 (38.2) 1.152 (29.3) .595 (15.1)
24
25
.89 (22.6)
1.16 (29.5)
1.18 (30.0) 1.572 (39.9) 1.276 (32.4) .655 (16.6)
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant Cadmium Olive
Drab Over Electroless Nickel
NOTES
1.
770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details.
2.
Coupling nut supplied unplated.
3.
See Table I in Intro for front end dimensional details.
TABLE IV: BRAID TYPE
Symbol
Braid Type
A
100% AmberStrand®
B
75%/25% AmberStrand® Blend
L
100% ArmorLiteTM
Standard
Nickel/Copper 34awg
T
Tin/Copper 34awg


Similar Part No. - 319HS134XW10P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319H064XB08R GLENAIR-319H064XB08R Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
319H064XB10R GLENAIR-319H064XB10R Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
319H064XB12R GLENAIR-319H064XB12R Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
319H064XB14R GLENAIR-319H064XB14R Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
319H064XB16R GLENAIR-319H064XB16R Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
More results

Similar Description - 319HS134XW10P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319FS134XM08B GLENAIR-319FS134XM08B Datasheet
337Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
500T011E09B04 GLENAIR-500T011E09B04_11 Datasheet
234Kb / 2P
   EMI/RFI Shield Sock Backshell
440FS143XM08 GLENAIR-440FS143XM08 Datasheet
406Kb / 2P
   Composite Ultra Low Profile EMI/RFI
440HS144XM08 GLENAIR-440HS144XM08 Datasheet
396Kb / 2P
   Composite Ultra Low Profile EMI/RFI
527249BP GLENAIR-527249BP Datasheet
78Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief
319FJ043M16 GLENAIR-319FJ043M16 Datasheet
645Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
319FJ044M16 GLENAIR-319FJ044M16 Datasheet
99Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
319AS137XB08 GLENAIR-319AS137XB08 Datasheet
323Kb / 2P
   Composite Shield Sock Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com