Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H511638F Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4H511638F
Description  512Mb F-die DDR SDRAM Specification
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H511638F Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4H511638F Datasheet HTML 5Page - Samsung semiconductor K4H511638F Datasheet HTML 6Page - Samsung semiconductor K4H511638F Datasheet HTML 7Page - Samsung semiconductor K4H511638F Datasheet HTML 8Page - Samsung semiconductor K4H511638F Datasheet HTML 9Page - Samsung semiconductor K4H511638F Datasheet HTML 10Page - Samsung semiconductor K4H511638F Datasheet HTML 11Page - Samsung semiconductor K4H511638F Datasheet HTML 12Page - Samsung semiconductor K4H511638F Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Rev. 1.1 November 2008
DDR SDRAM
K4H510438F
K4H510838F
K4H511638F
9 of 24
(V=Valid, X=Don
′t Care, H=Logic High, L=Logic Low)
Note :
1. OP Code : Operand Code. A0 ~ A12& BA0 ~ BA1 : Program keys. (@EMRS/MRS)
2. EMRS/MRS can be issued only at all banks precharge state.
A new command can be issued 2 clock cycles after EMRS or MRS.
3. Auto refresh functions are same as the CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
4. BA0 ~ BA1 : Bank select addresses.
If both BA0 and BA1 are "Low" at read, write, row active and precharge, bank A is selected.
If BA0 is "High" and BA1 is "Low" at read, write, row active and precharge, bank B is selected.
If BA0 is "Low" and BA1 is "High" at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are "High" at read, write, row active and precharge, bank D is selected.
5. If A10/AP is "High" at row precharge, BA0 and BA1 are ignored and all banks are selected.
6. During burst write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
7. Burst stop command is valid at every burst length.
8. DM(x4/8) sampled at the rising and falling edges of the DQS and Data-in are masked at the both edges (Write DM latency is 0).
UDM/LDM(x16 only) sampled at the rising and falling edges of the UDQS/LDQS and Data-in are masked at the both edges
(Write UDM/LDM latency is 0).
9. This combination is not defined for any function, which means "No Operation(NOP)" in DDR SDRAM.
COMMAND
CKEn-1 CKEn
CS
RAS
CAS
WE
BA0,1 A10/AP
A0 ~ A9,
A11 ~ A12
Note
Register
Extended MRS
H
X
L
L
L
L
OP CODE
1, 2
Register
Mode Register Set
H
X
L
L
L
L
OP CODE
1, 2
Refresh
Auto Refresh
H
H
LL
L
H
X
3
Self
Refresh
Entry
L
3
Exit
L
H
LH
H
H
X
3
HX
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
V
Row Address
Read &
Column Address
Auto Precharge Disable
HX
L
H
L
H
V
L
Column
Address
4
Auto Precharge Enable
H
4
Write &
Column Address
Auto Precharge Disable
HX
L
H
L
L
V
L
Column
Address
4
Auto Precharge Enable
H
4, 6
Burst Stop
H
X
L
H
H
L
X
7
Precharge
Bank Selection
HX
L
L
H
L
VL
X
All Banks
X
H
5
Active Power Down
Entry
H
L
HX
X
X
X
LV
V
V
Exit
L
H
X
X
X
X
Precharge Power Down Mode
Entry
H
L
HX
X
X
X
LH
H
H
Exit
L
H
HX
X
X
LV
V
V
DM(UDM/LDM for x16 only)
H
X
X
8
No operation (NOP) : Not defined
H
X
HX
X
X
X
9
LH
H
H
9
8.0 Command Truth Table


Similar Part No. - K4H511638F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638F SAMSUNG-K4H511638F Datasheet
542Kb / 15P
   Consumer Memory
More results

Similar Description - K4H511638F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438 SAMSUNG-K4H510438 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H511638C-Z SAMSUNG-K4H511638C-Z Datasheet
391Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H511638 SAMSUNG-K4H511638 Datasheet
212Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H510438G SAMSUNG-K4H510438G Datasheet
355Kb / 24P
   512Mb G-die DDR SDRAM Specification
K4H510438D SAMSUNG-K4H510438D Datasheet
367Kb / 24P
   512Mb D-die DDR SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H561638F-UC SAMSUNG-K4H561638F-UC Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H280438F SAMSUNG-K4H280438F Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4H510738E SAMSUNG-K4H510738E Datasheet
191Kb / 22P
   Stacked 512Mb E-die DDR SDRAM Specification (x4/x8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com