Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1150KV18-400BZXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1150KV18-400BZXI
Description  18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1150KV18-400BZXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1150KV18-400BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1150KV18-400BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1150KV18-400BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1150KV18-400BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1150KV18-400BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1150KV18-400BZXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1150KV18-400BZXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1150KV18-400BZXI Datasheet HTML 14Page - Cypress Semiconductor CY7C1150KV18-400BZXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CY7C1146KV18, CY7C1157KV18
CY7C1148KV18, CY7C1150KV18
Document Number: 001-58912 Rev. *C
Page 11 of 29
Truth Table
The truth table for the CY7C1146KV18, CY7C1157KV18, CY7C1148KV18, and CY7C1150KV18 follow.[3, 4, 5, 6, 7, 8]
Operation
K
LD
R/W
DQ
DQ
Write cycle:
Load address; wait one cycle;
input write data on consecutive K and K rising edges.
L-H
L
L
D(A) at K(t + 1)
D(A+1) at K(t + 1)
Read cycle: (2.0 cycle latency)
Load address; wait two cycles;
read data on consecutive K and K rising edges.
L-H
L
H
Q(A) at K(t + 2)
Q(A+1) at K(t + 2)
NOP: No operation
L-H
H
X
High Z
High Z
Standby: Clock stopped
Stopped
X
X
Previous State
Previous State
Write Cycle Descriptions
The write cycle description table for CY7C1146KV18 and CY7C1148KV18 follows.[3, 9]
BWS0/
NWS0
BWS1/
NWS1
K
K
Comments
L
L
L–H
During the data portion of a write sequence
CY7C1146KV18
both nibbles (D[7:0]) are written into the device.
CY7C1148KV18
both bytes (D[17:0]) are written into the device.
L
L
L-H During the data portion of a write sequence
CY7C1146KV18
both nibbles (D[7:0]) are written into the device.
CY7C1148KV18
both bytes (D[17:0]) are written into the device.
L
H
L–H
During the data portion of a write sequence
CY7C1146KV18
only the lower nibble (D[3:0]) is written into the device, D[7:4] remains unaltered.
CY7C1148KV18
only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
L
H
L–H During the data portion of a write sequence
CY7C1146KV18
only the lower nibble (D[3:0]) is written into the device, D[7:4] remains unaltered.
CY7C1148KV18
only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
H
L
L–H
During the data portion of a write sequence
CY7C1146KV18
only the upper nibble (D[7:4]) is written into the device, D[3:0] remains unaltered.
CY7C1148KV18
only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
L
L–H During the data portion of a write sequence
CY7C1146KV18
only the upper nibble (D[7:4]) is written into the device, D[3:0] remains unaltered.
CY7C1148KV18
only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
H
L–H
No data is written into the devices during this portion of a write operation.
H
H
L–H No data is written into the devices during this portion of a write operation.
Notes
3. X = ‘Don’t Care’, H = Logic HIGH, L = Logic LOW,
represents rising edge.
4. Device powers up deselected with the outputs in a tristate condition.
5. ‘A’ represents address location latched by the devices when transaction was initiated. A + 1 represents the address sequence in the burst.
6. ‘t’ represents the cycle at which a read/write operation is started. t + 1 and t + 2 are the first and second clock cycles succeeding the “t” clock cycle.
7. Data inputs are registered at K and K rising edges. Data outputs are delivered on K and K rising edges as well.
8. Ensure that when clock is stopped K = K and C = C = HIGH. This is not essential, but permits most rapid restart by overcoming transmission line charging symmetrically.
9. Is based on a write cycle that was initiated in accordance with the Write Cycle Descriptions table. NWS0, NWS1, BWS0, BWS1, BWS2, and BWS3 can be altered on
different portions of a write cycle, as long as the setup and hold requirements are achieved.
[+] Feedback


Similar Part No. - CY7C1150KV18-400BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C11501KV18 CYPRESS-CY7C11501KV18 Datasheet
854Kb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C11501KV18-400BZXC CYPRESS-CY7C11501KV18-400BZXC Datasheet
854Kb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C11501KV18-400BZXI CYPRESS-CY7C11501KV18-400BZXI Datasheet
854Kb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1150V18 CYPRESS-CY7C1150V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1150V18-333BZC CYPRESS-CY7C1150V18-333BZC Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1150KV18-400BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1166KV18 CYPRESS-CY7C1166KV18 Datasheet
874Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C11661KV18 CYPRESS-CY7C11661KV18 Datasheet
754Kb / 26P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1268KV18 CYPRESS-CY7C1268KV18_12 Datasheet
871Kb / 28P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1166V18 CYPRESS-CY7C1166V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2168KV18 CYPRESS-CY7C2168KV18 Datasheet
879Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1268XV18 CYPRESS-CY7C1268XV18 Datasheet
900Kb / 28P
   36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com