Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-026Z124-3CX Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 230-026Z124-3CX
Description  Bayonet Coupling Solder Flange Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-026Z124-3CX Datasheet(HTML) 1 Page - Glenair, Inc.

  230-026Z124-3CX Datasheet HTML 1Page - Glenair, Inc. 230-026Z124-3CX Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
E-10
E
230-026
MIL-DTL-83723/93 Series III Type Hermetic
Bayonet Coupling Solder Flange Mount Receptacle
with Straight Pin Contacts
APPLICATION NOTES
To be identified with manufacturer’s name, part number and
1.
date code, space permitting.
Material/Finish:
2.
Shell*:
Z1 - Stainless steel/passivated.
FT - Carbon steel/tin plated.
Contacts - 52 Nickel alloy/gold plated.
Bayonets - Stainless steel/passivated.
Seals - Silicone elastomer/N.A.
Insulation - Glass/N.A.
Glenair 230-026 will mate with any QPL MIL-DTL-83723/75
3.
& 77 Series III bayonet coupling plug of same size, keyway,
and insert polarization.
Performance:
4.
Hermeticity <1 x 10-7 cc He/sec @ 1 atmosphere
differential.
Dielectric withstanding voltage - Consult factory or
MIL-STD-1554.
Insulation resistance - 5000 MegOhms min @ 500VDC.
Consult factory and/or MIL-STD-1554 for arrangement,
5.
keyway, and insert position options.
Consult factory for PC tail footprints.
6.
Metric Dimensions (mm) are indicated in parentheses.
7.
Insert
Arrangement
Per MIL-STD-1554
Series 230
MIL-DTL-83723
Type
230 - 026
FT
12 - 3
P
X
Material
Designation
FT = Carbon Steel/
Tin Plated
Z1 = Stainless Steel/
Passivated
Alternate Insert
Arrangement
W, X, Y, or Z
(Omit for Normal)
Contact
Type
C = Straight Pin
Shell
Size
Connector Style
026 = Hermetic Solder Flange
Mount Receptacle
.360/.330
Typical
Ø A
.062/.047
Ø CC
(Min I.D.)
Ø C
Max
Ø F
Ø D
Shell I.D.
Ø E Max
Resilient
Insert
.734 Max
3
2
1
3
2
1
.108/.078
Ø G
Max
* Additional shell materials available, including titanium and Inconel®. Consult factory for ordering information.


Similar Part No. - 230-026Z124-3CX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
More results

Similar Description - 230-026Z124-3CX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
435Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
450Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
237-127 GLENAIR-237-127 Datasheet
427Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
256Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
257Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
414Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-014 GLENAIR-230-014 Datasheet
403Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-017 GLENAIR-230-017 Datasheet
410Kb / 2P
   Bayonet Coupling Wide Flange Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com