Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

180-091XO06-25 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 180-091XO06-25
Description  Advanced Fiber Optic Plug Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-091XO06-25 Datasheet(HTML) 2 Page - Glenair, Inc.

  180-091XO06-25 Datasheet HTML 1Page - Glenair, Inc. 180-091XO06-25 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B-15
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
180-091 (06 Plug)
Advanced Fiber Optic Plug Connector
MIL-DTL-38999 Series III Style
TABLE I: SHELL SIZE
Shell
Size
Code
Shell
Size
CC
Max
Dia
DD
Max
Dia
EE
Thread
B
11
.929 (23.6)
.984 (25.0) M15 x 1.0-6g 0.100R
C
13
1.110 (28.2) 1.157 (29.4) M18 x 1.0-6g 0.100R
D
15
1.232 (31.3) 1.280 (32.5) M22 x 1.0-6g 0.100R
E
17
1.358 (34.5) 1.406 (35.7) M25 x 1.0-6g 0.100R
F
19
1.469 (37.3) 1.516 (38.5) M28 x 1.0-6g 0.100R
G
21
1.594 (40.5) 1.642 (41.7) M31 x 1.0-6g 0.100R
H
23
1.720 (43.7) 1.768 (44.9) M34 x 1.0-6g 0.100R
J
25
1.843 (46.8) 1.890 (48.0) M37 x 1.0-6g 0.100R
“XO” finish composite plug connectors are supplied less RFI spring.
*RoHS Compliant
TABLE II: MATERIAL AND FINISH
SYM
MATERIAL
FINISH DESCRIPTION
M*
Aluminum
Electroless Nickel
MT
Nickel - PTFE
NF
Cadmium, Olive Drab
ZNU
Zinc-Nickel, Black
XM*
Composite
Electroless Nickel
XMT
Nickel - PTFE
XO
No Plating
XW
Cadmium, Olive Drab
XZN
Zinc-Nickel, Black
MS
Stainless Steel
Electroless Nickel
ZL*
Electro-Deposited Nickel
Z1*
Passivate
REV 1 JULY 2010


Similar Part No. - 180-091XO06-25

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-091XO08-11 GLENAIR-180-091XO08-11 Datasheet
128Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091XO08-13 GLENAIR-180-091XO08-13 Datasheet
128Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091XO08-15 GLENAIR-180-091XO08-15 Datasheet
128Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091XO08-17 GLENAIR-180-091XO08-17 Datasheet
128Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091XO08-19 GLENAIR-180-091XO08-19 Datasheet
128Kb / 2P
   Advanced Fiber Optic Receptacle Connector
More results

Similar Description - 180-091XO06-25

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180_091 GLENAIR-180_091_06 Datasheet
398Kb / 2P
   Advanced Fiber Optic Connector
180_091 GLENAIR-180_091_05 Datasheet
306Kb / 2P
   Advanced Fiber Optic Connector
180-091MS7-11-8PA GLENAIR-180-091MS7-11-8PA Datasheet
290Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091M05-11-8PA GLENAIR-180-091M05-11-8PA Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091M08-11-8PA GLENAIR-180-091M08-11-8PA Datasheet
128Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MH7-11-8PA GLENAIR-180-091MH7-11-8PA Datasheet
291Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MT7-11-8PA GLENAIR-180-091MT7-11-8PA Datasheet
292Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-118C06-15-10R GLENAIR-180-118C06-15-10R Datasheet
220Kb / 1P
   Fiber Optic SS15 Plug Connector
180_053 GLENAIR-180_053_15 Datasheet
222Kb / 1P
   2 Channel Fiber Optic Plug Connector
180_066 GLENAIR-180_066 Datasheet
212Kb / 2P
   D-Subminiature Fiber Optic Plug Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com