Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-015FT16-6SW Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 230-015FT16-6SW
Description  Bayonet Coupling Jam Nut Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-015FT16-6SW Datasheet(HTML) 1 Page - Glenair, Inc.

  230-015FT16-6SW Datasheet HTML 1Page - Glenair, Inc. 230-015FT16-6SW Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
D-6
D
APPLICATION NOTES
To be identified with manufacturer’s name, part number and
1.
date code, space permitting.
Material/Finish:
2.
Shell and Jam Nut: Z1 - 304L stainless steel/passivate.
FT - C1215 stainless steel/tin plated.
Titanium and Inconel® available. Consult factory.
Contacts - 52 Nickel alloy/gold plate.
Bayonets - Stainless steel/passivate.
Seals - Silicone elastomer/N.A.
Insulation - Glass/N.A.
Contact current rating - #20-7.5 Amps, #16-10 Amps,
3.
#12-17 Amps, #8-35 Amps.
Consult factory and/or MIL-STD-1669 for arrangement and
4.
insert position options.
Glenair 230-015 will mate with any QPL MIL-DTL-26482
5.
Series I bayonet coupling plug of same size and insert
polarization.
Performance:
6.
Hermeticity - <1 x 10-7 cc/sec @ 1 atmosphere
differential.
Dielectric withstanding voltage - Consult factory
or MIL-STD-1669.
Insulation resistance - 5000 megohms min @500VDC.
Consult factory for feedthrough contact footprints.
7.
Metric Dimensions (mm) are indicated in parentheses.
8.
230-015
MIL-DTL-26482 Series I Type Hermetic
Bayonet Coupling Jam Nut Receptacle
MS3114 Type
P
Contact
Style "C"
& "D"
Painted
Bayonet
Pins 3 Pl
.060 Width
Polarizing
Stripe
S
Vitreous
Insert
Contact
Style "X"
& "Z"
Contact
Style "P"
& "S"
Interfacial
Seal
Peripheral
Gasket
F
E D
C
B
A
M
G
L
F
C
J
"V" Thread
T
Pin Face
Socket Face
A
A
Ø B
R
Contact Type
P = Solder Cup, Pin Face
X = Eyelet, Pin Face
C = Pin, Feedthrough
S = Solder Cup, Socket Face
Z = Eyelet, Socket Face
D = Socket, Feedthrough
Insert
Arrangement
Per MIL-STD-1669
Series 230
MIL-DTL-26482
Type
230 - 015
Z1
10 - 6
P
X
Material/Finish
Z1 = Stainless Steel/
Passivated
FT = C1215 Stainless
Steel/Tin Plated
(See Note 2)
Alternate Insert
Arrangement
W, X, Y or Z
(Omit for Normal)
Shell
Size
Connector
Style
015 = Hermetic Jam-Nut
Mount Receptacle
Ø


Similar Part No. - 230-015FT16-6SW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
230-015Z1-106S GLENAIR-230-015Z1-106S Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
230-015Z1-106X GLENAIR-230-015Z1-106X Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
230-015Z1-106Z GLENAIR-230-015Z1-106Z Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
More results

Similar Description - 230-015FT16-6SW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
230-022 GLENAIR-230-022 Datasheet
310Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
447Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
449Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
450Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-022 GLENAIR-230-022 Datasheet
464Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
271Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
269Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
297Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com