Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

280-006H5BP Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 280-006H5BP
Description  Glass-Sealed D-Subminiature Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

280-006H5BP Datasheet(HTML) 1 Page - Glenair, Inc.

  280-006H5BP Datasheet HTML 1Page - Glenair, Inc. 280-006H5BP Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
H-8
H
280-006
MIL-DTL-24308/9 Hermetic
Glass-Sealed D-Subminiature Receptacle
F
ENGAGEMENT
vIEW
TERMINATION
vIEW
FLANGE
TYPE
B
FLANGE
TYPE
A
B
D
#4-40 Unc-2b
X .125 Min
Full Thread
.161 Max
.238 Max
A
C
G
E
H
R.093
Typ
Ø.040±.001
10°
Typ
Insert Arrangement Shown
Are For Reference Only
See Note 2
25° Typ
Eyelets
K
.046
.032
.335
.316
R.062
Typ
APPLICATION NOTES
To be identified with manufacturer’s name, part number and
1.
date code, space permitting.
Contact Style: Eyelet or Solder Cup (See Part Number
2.
Development).
Material/Finish:
3.
Shell: Z1 = Stainless steel/passivated.
FT = Cold rolled steel/fused tin plate.
Z16 = Stainless steel/nickel plated, dull finish
Insulators: Glass bead/N.A.
Contacts: Pins, Alloy 52/gold plated
Performance:
4.
DWV - 750 VAC Pin-to-Shell
I.R. - 5,000 MegOhms Min @ 500 VDC
Hermeticity <1 x 10-7 cc He/sec @ 1
atmosphere differential
Glenair 280-006 will mate with any QPL MIL-DTL-24308/1, /2
5.
and /23 receptacle of the same size and arrangement.
All dimensions are typical for flange types “A” and “B”. “C” dim
6.
is not applicable to flange type “A”.
Metric dimensions (mm) are indicated in parentheses.
7.
SOLDER CUP ORIENTATION
SIZES 1-4
SIZE 5
MIL-DTL-24308/9
D-Subminiature
Hermetic
280 - 006
K
1
A
P
Class
H = Standard Hermetic
K = Space Grade Hermetic
Contact Style
P = Solder Cup
X = Eyelet
Shell Size
Connector
Style
Flange Type
A = Solid
B = Two #4-40 Lockposts


Similar Part No. - 280-006H5BP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-006 GLENAIR-280-006 Datasheet
369Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
More results

Similar Description - 280-006H5BP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-003 GLENAIR-280-003 Datasheet
337Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-006 GLENAIR-280-006 Datasheet
369Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
455Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
287-018 GLENAIR-287-018 Datasheet
368Kb / 2P
   Glass-Sealed D-Subminiature Connector
287-035 GLENAIR-287-035 Datasheet
371Kb / 2P
   Glass-Sealed D-Subminiature Connector
287-018 GLENAIR-287-018 Datasheet
462Kb / 2P
   Glass-Sealed D-Subminiature Connector
287-035 GLENAIR-287-035 Datasheet
261Kb / 2P
   High Density Glass-Sealed D-Subminiature Connector
280-013 GLENAIR-280-013 Datasheet
384Kb / 2P
   Glass-Sealed D-Subminiature High Density Connector
280-014 GLENAIR-280-014 Datasheet
451Kb / 2P
   O-Ring Panel Sealing Glass-Sealed D-Subminiature Connector
280-012 GLENAIR-280-012 Datasheet
426Kb / 2P
   Rear Printed Circuit Board Termination Glass-Sealed D-Subminiature Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com