Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

180-091XM08-23 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 180-091XM08-23
Description  Advanced Fiber Optic Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-091XM08-23 Datasheet(HTML) 2 Page - Glenair, Inc.

  180-091XM08-23 Datasheet HTML 1Page - Glenair, Inc. 180-091XM08-23 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B-17
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
180-091 (08 Jam Nut Mount)
Advanced Fiber Optic Receptacle Connector
MIL-DTL-38999 Series III Style
TABLE I: SHELL SIZE
Shell
Size
Code
Shell
Size
P
Thread
T
Dia
U
V
W
Thread
Y
Thread
Z
B
11
.7500-.1P-.3L-TS-2A 1.386 (35.2)
1.362 (34.6)
1.268 (32.2)
1.236 (31.4)
.755 (19.2)
.745 (18.9)
M20 x 1.0-6g 0.100R
M15 x 1.0-6g 0.100R .121 (3.1)
.083 (2.1)
C
13
.8750-.1P-.3L-TS-2A 1.512 (38.4)
1.488 (37.8)
1.390 (35.3)
1.358 (34.5)
.942 (23.9)
.932 (23.7)
M25 x 1.0-6g 0.100R
M18 x 1.0-6g 0.100R .121 (3.1)
.083 (2.1)
D
15
1.0000-.1P-.3L-TS-2A 1.638 (41.6)
1.614 (41.0)
1.516 (38.5)
1.484 (37.7)
1.066 (27.1)
1.056 (26.8)
M28 x 1.0-6g 0.100R
M22 x 1.0-6g 0.100R .121 (3.1)
.083 (2.1)
E
17
1.1875-.1P-.3L-TS-2A 1.764 (44.8)
1.740 (44.2)
1.642 (41.7)
1.610 (40.9)
1.191 (30.3)
1.181 (30.0)
M32 x 1.0-6g 0.100R*
M25 x 1.0-6g 0.100R .121 (3.1)
.083 (2.1)
F
19
1.2500-.1P-.3L-TS-2A 1.949 (49.5)
1.925 (48.9)
1.827 (46.4)
1.795 (45.6)
1.316 (33.4)
1.306 (33.2)
M35 x 1.0-6g 0.100R
M28 x 1.0-6g 0.100R .154 (3.9)
.114 (2.9)
G
21
1.3750-.1P-.3L-TS-2A 2.075 (52.7)
2.051 (52.1)
1.953 (49.6)
1.921 (48.8)
1.441 (36.6)
1.431 (36.3)
M38 x 1.0-6g 0.100R
M31 x 1.0-6g 0.100R .154 (3.9)
.114 (2.9)
H
23
1.5000-.1P-.3L-TS-2A 2.201 (55.9)
2.177 (55.3)
2.079 (52.8)
2.047 (52.0)
1.566 (39.8)
1.556 (39.5)
M41 x 1.0-6g 0.100R
M34 x 1.0-6g 0.100R .154 (3.9)
.114 (2.9)
J
25
1.6250-.1P-.3L-TS-2A 2.323 (59.0)
2.299 (58.4)
2.205 (56.0)
2.173 (55.2)
1.691 (43.0)
1.681 (42.7)
M44 x 1.0-6g 0.100R
M37 x 1.0-6g 0.100R .154 (3.9)
.114 (2.9)
*See Note 3
TABLE II: MATERIAL AND FINISH
SYM
MATERIAL
FINISH DESCRIPTION
M*
Aluminum
Electroless Nickel
MT
Nickel - PTFE
NF
Cadmium, Olive Drab
ZNU
Zinc-Nickel, Black
XM*
Composite
Electroless Nickel
XMT
Nickel - PTFE
XO
No Plating
XW
Cadmium, Olive Drab
XZN
Zinc-Nickel, Black
ZL*
Stainless Steel
Electro-Deposited Nickel
Z1*
Passivate
NOTES: Jam Nut for composite Jam Nut Mount Receptacle is Aluminum
and plated same as connector shell.
“XO” Finish composite Jam Nut Receptacle is supplied with Unplated
Composite Jam Nut and accommodates .093 maximum panel thickness.
“XO” finish composite plug connectors are supplied less RFI spring.
*RoHS Compliant
REV 30 JUNE 2010


Similar Part No. - 180-091XM08-23

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-091XM06-11 GLENAIR-180-091XM06-11 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091XM06-13 GLENAIR-180-091XM06-13 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091XM06-15 GLENAIR-180-091XM06-15 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091XM06-17 GLENAIR-180-091XM06-17 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091XM06-19 GLENAIR-180-091XM06-19 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
More results

Similar Description - 180-091XM08-23

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-091MS7-11-8PA GLENAIR-180-091MS7-11-8PA Datasheet
290Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091M05-11-8PA GLENAIR-180-091M05-11-8PA Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MH7-11-8PA GLENAIR-180-091MH7-11-8PA Datasheet
291Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MT7-11-8PA GLENAIR-180-091MT7-11-8PA Datasheet
292Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180_091 GLENAIR-180_091_06 Datasheet
398Kb / 2P
   Advanced Fiber Optic Connector
180_091 GLENAIR-180_091_05 Datasheet
306Kb / 2P
   Advanced Fiber Optic Connector
180-091M06-11-8PA GLENAIR-180-091M06-11-8PA Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-118C02-15-10R GLENAIR-180-118C02-15-10R Datasheet
222Kb / 1P
   Fiber Optic SS15 Receptacle Connector
180_052 GLENAIR-180_052_15 Datasheet
309Kb / 1P
   2 Channel Fiber Optic Receptacle Connector
180_063 GLENAIR-180_063 Datasheet
244Kb / 2P
   Micro-D Fiber Optic Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com