Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-026Z116-3PX Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-026Z116-3PX
Description  Bayonet Coupling Solder Flange Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-026Z116-3PX Datasheet(HTML) 2 Page - Glenair, Inc.

  230-026Z116-3PX Datasheet HTML 1Page - Glenair, Inc. 230-026Z116-3PX Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ø CC
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
E-11
E
230-026
MIL-DTL-83723/93 Series III Type Hermetic
Bayonet Coupling Solder Flange Mount Receptacle
with Straight Pin Contacts
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
A Dia
C Dia
Max
D Dia
Shell I.D.
E Dia
Resilient
Insert
F Dia
G Dia
Max
CC Dia
Min
Ø CC Dia
Panel
Cut-Out
8
.760/.720
(19.3/18.3)
.500 (12.7)
.433/.428
(11.0/10.9)
.312 (7.9)
.536/.531
(13.6/13.5)
.561 (14.2) .406 (10.3)
.515/.505
(13.1/12.8)
10
.860/.820
(21.8/20.8)
.562 (14.3)
.535/.530
(13.6/13.5)
.388 (9.9)
.659/.654
(16.7/16.6)
.696 (17.7) .443 (11.3)
.582/.572
(14.8/14.5)
12
1.065/1.025
(27.1/26.0)
.750 (19.1)
.705/.700
(17.9/17.8)
.558 (14.2)
.829/.824
(21.1/20.9)
.875 (22.2) .668 (17.0)
.770/.760
(19.6/19.3)
14
1.110/1.070
(28.2/27.2)
.812 (20.6)
.774/.796
(19.7/20.2)
.627 (15.9)
.898/.893
(22.8/22.7)
.935 (23.7) .668 (17.0)
.832/.822
(21.1/20.9)
16
1.230/1.190
(31.2/30.2)
.937 (23.8)
.901/.896
(22.9/22.8)
.772 (19.6)
1.025/1.020
(26.0/25.9) 1.062 (27.0) .763 (19.4)
.958/.948
(24.3/24.1)
18
1.360/1.320
(34.5/33.5)
1.062 (27.0) 1.007/1.002\
(25.6/25.5)
.860 (21.8)
1.131/1.126
(28.7/28.6) 1.187 (30.1) .862 (21.9)
1.082/1.072
(27.5/27.2)
20
1.450/1.410
(36.8/35.8)
1.187 (30.1)
1.132/1.125
(28.8/28.6)
.985 (25.0)
1.256/1.251
(31.9/31.8) 1.312 (33.3) 1.108 (28.1)
1.202/1.192
(30.5/30.3)
22
1.610/1.570
(40.9/39.9)
1.312 (33.3)
1.257/1.252
(31.9/31.8)
1.110 (28.2) 1.381/1.376
(35.1/35.0) 1.437 (36.5) 1.204 (30.6)
1.332/1.322
(33.8/33.6)
24
1.730/1.690
(43.9/42.9)
1.437 (36.5)
1.382/1.377
(35.1/35.0)
1.235 (31.4) 1.506/1.501
(38.3/38.1) 1.562 (39.7) 1.388 (35.3)
1.452/1.442
(36.9/36.6)
Panel Cut Out
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 230-026Z116-3PX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
More results

Similar Description - 230-026Z116-3PX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
435Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
450Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
237-127 GLENAIR-237-127 Datasheet
427Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
256Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
257Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
414Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-014 GLENAIR-230-014 Datasheet
403Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-017 GLENAIR-230-017 Datasheet
410Kb / 2P
   Bayonet Coupling Wide Flange Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com