Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-015FT22-6CW Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-015FT22-6CW
Description  Bayonet Coupling Jam Nut Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-015FT22-6CW Datasheet(HTML) 2 Page - Glenair, Inc.

  230-015FT22-6CW Datasheet HTML 1Page - Glenair, Inc. 230-015FT22-6CW Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
D-7
D
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS (Continued Below)
Shell
Size
A Max
B Dia
+.000
-032 (0.8)
C Flat
+.000
-.010 (0.3)
E
+.010 (0.3)
-.005 (0.1)
F Min
G
± .020 (0.5)
J
O-Ring Seal
MS29513-
8
.954 (24.2)
1.078 (27.4)
.530 (13.5)
.540 (13.7)
.384 (9.8)
.117 (3.0)
17
10
1.078 (27.4)
1.203 (30.6)
.655 (16.6)
.665 (16.9)
.384 (9.8)
.117 (3.0)
19
12
1.266 (32.2)
1.319 (33.5)
.818 (20.8)
.828 (21.0)
.384 (9.8)
.117 (3.0)
22
14
1.391 (35.3)
1.516 (38.5)
.942 (23.9)
.952 (24.2)
.384 (9.8)
.117 (3.0)
24
16
1.516 (38.5)
1.641 (41.7)
1.062 (27.0) 1.076 (27.3)
.384 (9.8)
.117 (3.0)
26
18
1.641 (41.7)
1.766 (44.9)
1.191 (30.3) 1.201 (30.5)
.384 (9.8)
.117 (3.0)
28
20
1.812 (46.0)
1.953 (49.6)
1.316 (33.4) 1.326 (33.7)
.446 (11.3)
.148 (3.8)
128
22
1.954 (49.6)
2.078 (52.8)
1.441 (36.6) 1.451 (36.9)
.446 (11.3)
.148 (3.8)
130
24
2.078 (52.8)
2.203 (56.0)
1.566 (39.8) 1.576 (40.0)
.479 (12.2)
.148 (3.8)
132
TABLE II
Contact
Size
Ø P
22D
.011
.015
20
.024
.028
16
.0635
.0615
12
.095
.093
TABLE I (Continued): CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
K
+.010 (0.3)
-.005 (0.1)
L
Max
M
+.031 (0.8)
-.000
R
Max
S
Panel Thickness
T
O-Ring
.011 (0.3)
v
Thread
UNEF-2A
Min
Max
8
.572
.875 (22.2)
.691 (17.6)
.329
.062 (1.6)
.125 (3.2)
.023 (0.6)
.5625-24
10
.697
.875 (22.2)
.691 (17.6)
.477
.062 (1.6)
.125 (3.2)
.023 (0.6)
.685-24
12
.885
.875 (22.2)
.691 (17.6)
.564
.062 (1.6)
.125 (3.2)
.023 (0.6)
.875-20
14
1.010
.875 (22.2)
.691 (17.6)
.689
.062 (1.6)
.125 (3.2)
.023 (0.6)
1.000-20
16
1.135
.875 (22.2)
.691 (17.6)
.814
.062 (1.6)
.125 (3.2)
.023 (0.6)
1.125-18
18
1.260
.875 (22.2)
.691 (17.6)
.907
.062 (1.6)
.125 (3.2)
.023 (0.6)
1.250-18
20
1.385
1.094 (27.8)
.879 (22.3)
1.039
.062 (1.6)
.250 (6.4)
.028 (0.7)
1.375-18
22
1.510
1.094 (27.8)
.879 (22.3)
1.164
.062 (1.6)
.250 (6.4)
.028 (0.7)
1.500-18
24
1.635
1.125 (28.6)
.912 (23.2)
1.289
.062 (1.6)
.250 (6.4)
.028 (0.7)
1.625-18
Ø K
E
PANEL
CUT-OUT
230-015
MIL-DTL-26482 Series I Type Hermetic
Bayonet Coupling Jam Nut Receptacle
MS3114 Type
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 230-015FT22-6CW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
230-015Z1-106S GLENAIR-230-015Z1-106S Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
230-015Z1-106X GLENAIR-230-015Z1-106X Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
230-015Z1-106Z GLENAIR-230-015Z1-106Z Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
More results

Similar Description - 230-015FT22-6CW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
230-022 GLENAIR-230-022 Datasheet
310Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
447Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
449Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
450Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-022 GLENAIR-230-022 Datasheet
464Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
271Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
269Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
297Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com