Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250-014ZL14-6PY Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 250-014ZL14-6PY
Description  Threaded Coupling Solder Mount Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

250-014ZL14-6PY Datasheet(HTML) 2 Page - Glenair, Inc.

  250-014ZL14-6PY Datasheet HTML 1Page - Glenair, Inc. 250-014ZL14-6PY Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
F-9
F
TABLE I: CONTACT DIMENSIONS
Contact
Size
X
Max
Y
Max
Z
Min
v
Min
W
Max
16
.219 (5.6)
.375 (9.5)
.020 (0.5)
.065 (1.7)
.115 (2.9)
12
.281 (7.1) .516 (13.1) .020 (0.5)
.096 (2.4)
.190 (4.8)
8
-
.719 (18.3)
-
-
-
4
-
.980 (24.9)
-
-
-
0
-
.980 (24.9)
-
-
-
TABLE II:
SERvICE RATING
Service
Rating
Working
voltage
(volts RMS)
INST
200
A
500
D
900
E
1250
B
1750
C
3000
TABLE III: CONNECTOR DIMENSIONS
Size
C Dia
±.010 (0.25)
K Dia
±.010 (0.25)
L Max
N Dia
+.000 -.062
(+.000 -.1.6)
O Dia (Ref)
Mtg Hole
Contact Size
16, 12 & 8
4 & 0
8S
.750 (19.1)
.428 (10.9)
.730 (18.5)
-
.532 (13.5)
.562 (14.3)
10S
.875 (22.2)
.490 (12.4)
.730 (18.5)
-
.656 (16.7)
.688 (17.5)
10SL
.875 (22.2)
.490 (12.4)
.730 (18.5)
-
.656 (16.7)
.688 (17.5)
12S
1.000 (25.4)
.646 (16.4)
.730 (18.5)
-
.782 (19.9)
.812 (20.6)
12
1.000 (25.4)
.646 (16.4)
.915 (23.2)
-
.782 (19.9)
.812 (20.6)
14S
1.125 (28.6)
.709 (18.0)
.730 (18.5)
-
.906 (23.0)
.938 (23.8)
14
1.125 (28.6)
.709 (18.0)
.915 (23.2)
-
.906 (23.0)
.938 (23.8)
16S
1.250 (31.8)
.834 (21.2)
.730 (18.5)
1.040 (26.4)
1.032 (26.2)
1.062 (27.0)
16
1.250 (31.8)
.834 (21.2)
.834 (21.2)
1.040 (26.4)
1.032 (26.2)
1.062 (27.0)
18
1.375 (34.9)
.959 (24.4)
.915 (23.2)
1.040 (26.4)
1.156 (29.4)
1.188 (30.2)
20
1.500 (38.1)
1.146 (29.1)
.915 (23.2)
1.040 (26.4)
1.282 (32.6)
1.312 (33.3)
22
1.625 (41.3)
1.240 (31.5)
.915 (23.2)
1.040 (26.4)
1.406 (35.7)
1.438 (36.5)
24
1.750 (44.5)
1.365 (34.7)
.915 (23.2)
1.040 (26.4)
1.532 (38.9)
1.562 (39.7)
28
2.000 (50.8)
1.615 (41.0)
.915 (23.2)
1.040 (26.4)
1.782 (45.3)
1.812 (46.0)
32
2.250 (57.2)
1.865 (47.4)
.915 (23.2)
1.040 (26.4)
2.032 (51.6)
1.062 (27.0)
36
2.500 (63.5)
2.115 (53.7)
.915 (23.2)
1.040 (26.4)
2.282 (58.0)
2.500 (63.5)
40
2.750 (69.9)
2.365 (60.1)
.915 (23.2)
1.040 (26.4)
2.532 (64.3)
2.750 (69.9)
44
3.000 (76.2)
2.615 (66.4)
.915 (23.2)
1.040 (26.4)
2.782 (70.7)
3.000 (76.2)
48
3.250 (82.6)
2.865 (72.8)
.915 (23.2)
1.040 (26.4)
3.032 (77.0)
3.250 (82.6)
250-014
MIL-DTL-5015 Type Hermetic
Threaded Coupling Solder Mount Receptacle Connector
MS3143 Type
J
K
H
G
F
E
D
C
B
A
ø C
Recommended Panel
Cut-Out
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 250-014ZL14-6PY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
250-014Z110S-6PW GLENAIR-250-014Z110S-6PW Datasheet
355Kb / 2P
   Hermetic Receptacle, Solder Mount
250-014Z110S-6PX GLENAIR-250-014Z110S-6PX Datasheet
355Kb / 2P
   Hermetic Receptacle, Solder Mount
250-014Z110S-6PY GLENAIR-250-014Z110S-6PY Datasheet
355Kb / 2P
   Hermetic Receptacle, Solder Mount
250-014Z110S-6PZ GLENAIR-250-014Z110S-6PZ Datasheet
355Kb / 2P
   Hermetic Receptacle, Solder Mount
250-014Z110S-6XW GLENAIR-250-014Z110S-6XW Datasheet
355Kb / 2P
   Hermetic Receptacle, Solder Mount
More results

Similar Description - 250-014ZL14-6PY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
250-014 GLENAIR-250-014 Datasheet
273Kb / 2P
   Threaded Coupling Solder Mount Receptacle Connector
250-016 GLENAIR-250-016 Datasheet
267Kb / 2P
   Threaded Coupling Solder Mount Receptacle Connector
230-030 GLENAIR-230-030 Datasheet
442Kb / 2P
   Threaded Coupling Solder Flange Mount Receptacle
230-030 GLENAIR-230-030 Datasheet
261Kb / 2P
   Threaded Coupling Solder Flange Mount Receptacle
250-025 GLENAIR-250-025 Datasheet
265Kb / 2P
   Threaded Coupling Flangeless Mount Receptacle Connector
250-013 GLENAIR-250-013 Datasheet
260Kb / 2P
   Threaded Coupling Box Mount Receptacle Connector
250-015 GLENAIR-250-015 Datasheet
267Kb / 2P
   Threaded Coupling Box Mount Receptacle Connector
230-029 GLENAIR-230-029 Datasheet
429Kb / 2P
   Threaded Coupling Jam-Nut Mount Receptacle
230-028 GLENAIR-230-028 Datasheet
443Kb / 2P
   Threaded Coupling Square Flange Mount Receptacle
230-029 GLENAIR-230-029 Datasheet
273Kb / 2P
   Threaded Coupling Jam-Nut Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com