Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

220-13H2061P2 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 220-13H2061P2
Description  Solder Mount Bulkhead Connector Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

220-13H2061P2 Datasheet(HTML) 1 Page - Glenair, Inc.

  220-13H2061P2 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G-8
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
G-8
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
G
G
220-03 and 220-13
Series 22 Geo-Marine®
Solder Mount Bulkhead Connector Receptacle
Prior to use, lubricate
O-rings with high grade
silicone lubricant
(Moly-kote M55 or equivalent).
Metric dimensions (mm) are
indicated in parentheses.
Recommended
Panel Cutout
DIMENSIONS
SHELL
SIZE
10
12
14
16
18
20
22
24
B THREAD
CLASS 2A
.750 - .1P- .1L
.875 - .1P- .1L
1.000 - .1P- .1L
1.125 - .1P- .1L
1.250 - .1P- .1L
1.375 - .1P- .1L
1.500 - .1P- .1L
1.625 - .1P- .1L
C DIA
MAX
.870 (22.1)
.995 (25.3)
1.120 (28.4)
1.245 (31.6)
1.370 (34.8)
1.495 (38.0)
1.620 (41.1)
1.745 (44.3)
D
DIA
1.00 (25.4)
1.13 (28.7)
1.25 (31.8)
1.38 (35.1)
1.50 (38.1)
1.63 (41.4)
1.75 (44.5)
1.88 (47.8)
E DIA
+.010 +(0.3)
-.000 -(0.0)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
REPLACEMENT O-RING
PART NUMBERS *
* Parker O-ring part numbers.
Compound N674-70 or equivalent.
SHELL
SIZE
10
12
14
16
18
20
22
24
PISTON
O-RING
2-014
2-016
2-018
2-020
2-022
2-024
2-026
2-028
Piston O-Ring
B Thread
220-03: 1.19 (30.2) Max
220-13: 1.44 (36.6) Max
C
D
.65 (16.5) Max
.06 (1.5)
.06 (1.5)
Direction of Pressure
Capability - Class H
E
Master Key
Indicator - Red Slot
Insert
Arrangement
Class
H = Hermetic
Series No.
Contacts
P = Pins
Polarization
N, 1, 2, 3, 4
Shell
Size
Shell Style
03 = Standard
13 = Scoop Proof
220 - 03
H
24 - 61
P
N


Similar Part No. - 220-13H2061P2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
220-13H20 GLENAIR-220-13H20 Datasheet
429Kb / 1P
   Bulkhead Connector Receptacle Assemblies
More results

Similar Description - 220-13H2061P2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
220-03 GLENAIR-220-03 Datasheet
121Kb / 2P
   Hermetic Solder Mount Bulkhead Receptacle
logo
Pasternack Enterprises,...
PE45130 PASTERNACK-PE45130 Datasheet
338Kb / 3P
   TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
PE4119 PASTERNACK-PE4119_17 Datasheet
385Kb / 3P
   SMA Female Bulkhead Mount Connector Solder Attachment
PE4147 PASTERNACK-PE4147_16 Datasheet
317Kb / 3P
   TNC Female Bulkhead Mount Connector Solder Attachment
PE4524 PASTERNACK-PE4524_16 Datasheet
351Kb / 3P
   SMA Female Bulkhead Mount Connector Solder Attachment
PE4339 PASTERNACK-PE4339_16 Datasheet
316Kb / 3P
   SSMB Jack Bulkhead Mount Connector Solder Attachment
PE4529 PASTERNACK-PE4529_16 Datasheet
319Kb / 3P
   SMA Female Bulkhead Mount Connector Solder Attachment
PE4499 PASTERNACK-PE4499_16 Datasheet
347Kb / 3P
   SHV Jack Bulkhead Mount Connector Solder Attachment
PE4354 PASTERNACK-PE4354_16 Datasheet
348Kb / 3P
   SMA Male Bulkhead Mount Connector Solder Attachment
PE4120 PASTERNACK-PE4120_16 Datasheet
378Kb / 3P
   SMA Female Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com