Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4B2G0846D Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4B2G0846D
Description  2Gb D-die DDR3L SDRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4B2G0846D Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4B2G0846D Datasheet HTML 6Page - Samsung semiconductor K4B2G0846D Datasheet HTML 7Page - Samsung semiconductor K4B2G0846D Datasheet HTML 8Page - Samsung semiconductor K4B2G0846D Datasheet HTML 9Page - Samsung semiconductor K4B2G0846D Datasheet HTML 10Page - Samsung semiconductor K4B2G0846D Datasheet HTML 11Page - Samsung semiconductor K4B2G0846D Datasheet HTML 12Page - Samsung semiconductor K4B2G0846D Datasheet HTML 13Page - Samsung semiconductor K4B2G0846D Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
- 10 -
datasheet
DDR3L SDRAM
Rev. 1.01
K4B2G0846D
K4B2G0446D
5. DDR3 SDRAM Addressing
1Gb
2Gb
4Gb
8Gb
NOTE 1 : Page size is the number of bytes of data delivered from the array to the internal sense amplifiers when an ACTIVE command is registered.
Page size is per bank, calculated as follows:
page size = 2 COLBITS * ORG
÷8
where, COLBITS = the number of column address bits,
ORG = the number of I/O (DQ) bits
Configuration
256Mb x 4
128Mb x 8
64Mb x 16
# of Bank
8
8
8
Bank Address
BA0 - BA2
BA0 - BA2
BA0 - BA2
Auto precharge
A10/AP
A10/AP
A10/AP
Row Address
A0 - A13
A0 - A13
A0 - A12
Column Address
A0 - A9,A11
A0 - A9
A0 - A9
BC switch on the fly
A12/BC
A12/BC
A12/BC
Page size *1
1 KB
1 KB
2 KB
Configuration
512Mb x 4
256Mb x 8
128Mb x 16
# of Bank
8
8
8
Bank Address
BA0 - BA2
BA0 - BA2
BA0 - BA2
Auto precharge
A10/AP
A10/AP
A10/AP
Row Address
A0 - A14
A0 - A14
A0 - A13
Column Address
A0 - A9,A11
A0 - A9
A0 - A9
BC switch on the fly
A12/BC
A12/BC
A12/BC
Page size *1
1 KB
1 KB
2 KB
Configuration
1Gb x 4
512Mb x 8
256Mb x 16
# of Bank
8
8
8
Bank Address
BA0 - BA2
BA0 - BA2
BA0 - BA2
Auto precharge
A10/AP
A10/AP
A10/AP
Row Address
A0 - A15
A0 - A15
A0 - A14
Column Address
A0 - A9,A11
A0 - A9
A0 - A9
BC switch on the fly
A12/BC
A12/BC
A12/BC
Page size *1
1 KB
1 KB
2 KB
Configuration
2Gb x 4
1Gb x 8
512Mb x 16
# of Bank
8
8
8
Bank Address
BA0 - BA2
BA0 - BA2
BA0 - BA2
Auto precharge
A10/AP
A10/AP
A10/AP
Row Address
A0 - A15
A0 - A15
A0 - A15
Column Address
A0 - A9,A11,A13
A0 - A9,A11
A0 - A9
BC switch on the fly
A12/BC
A12/BC
A12/BC
Page size *1
2 KB
2 KB
2 KB


Similar Part No. - K4B2G0846D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B2G0846A SAMSUNG-K4B2G0846A Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
K4B2G0846B SAMSUNG-K4B2G0846B Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
K4B2G0846B SAMSUNG-K4B2G0846B Datasheet
542Kb / 15P
   Consumer Memory
K4B2G0846C SAMSUNG-K4B2G0846C Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
K4B2G0846C SAMSUNG-K4B2G0846C Datasheet
542Kb / 15P
   Consumer Memory
More results

Similar Description - K4B2G0846D

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC2G83FFR HYNIX-H5TC2G83FFR Datasheet
426Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G43BFR HYNIX-H5TC2G43BFR Datasheet
524Kb / 32P
   2Gb DDR3L SDRAM
logo
Samsung semiconductor
K4B2G1646Q SAMSUNG-K4B2G1646Q Datasheet
1Mb / 71P
   2Gb Q-die DDR3L SDRAM Only x16
logo
Hynix Semiconductor
H5TC2G43CFR HYNIX-H5TC2G43CFR Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
H5TC2G63FFR HYNIX-H5TC2G63FFR Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G43EFR HYNIX-H5TC2G43EFR Datasheet
442Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G83DFR HYNIX-H5TC2G83DFR Datasheet
419Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G43AFR HYNIX-H5TC2G43AFR Datasheet
511Kb / 31P
   2Gb DDR3L SDRAM
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com