Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-018FT8-6XW Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-018FT8-6XW
Description  Bayonet Coupling Solder Flange Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-018FT8-6XW Datasheet(HTML) 2 Page - Glenair, Inc.

  230-018FT8-6XW Datasheet HTML 1Page - Glenair, Inc. 230-018FT8-6XW Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
D-19
D
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
A Dia
± .010 (0.3)
C Dia
Mounting
Locator
D Dia
Min
F
J
K
L
P
v
Max
Weight
(Lbs.)
8
.625 (15.9)
.563/.557
(14.3/14.1) .403 (10.2)
.598/.578
(15.2/14.7)
.156/.116
(4.0/2.9)
.570 (14.5) .801 (20.3)
.178/.118
(4.5/3.0)
.248/.188
(6.3/4.8)
.0310
10
1.141 (29.0) .673/.667
(17.1/16.9) .515 (13.1)
.598/.578
(15.2/14.7)
.156/.116
(4.0/2.9)
.680 (17.3) .801 (20.3)
.178/.118
(4.5/3.0)
.248/.188
(6.3/4.8)
.0340
12
1.266 (32.2) .782/.776
(19.9/19.7) .630 (16.0)
.598/.578
(15.2/14.7)
.156/.116
(4.0/2.9)
.789 (20.0) .801 (20.3)
.178/.118
(4.5/3.0)
.248/.188
(6.3/4.8)
.0400
14
1.360 (34.5) .907/.901
(23.0/22.9) .755 (19.2)
.598/.578
(15.2/14.7)
.156/.116
(4.0/2.9)
.914 (23.2) .801 (20.3)
.178/.118
(4.5/3.0)
.248/.188
(6.3/4.8)
.0510
16
1.453 (36.9) 1.032/1.026
(26.2/26.1) .880 (22.4)
.598/.578
(15.2/14.7)
.156/.116
(4.0/2.9)
1.039 (26.4) .801 (20.3)
.178/.118
(4.5/3.0)
.248/.188
(6.3/4.8)
.0620
18
1.532 (38.9) 1.157/1.151
(29.4/29.2) .980 (24.9)
.598/.578
(15.2/14.7)
.156/.116
(4.0/2.9)
1.164 (29.6) .801 (20.3)
.178/.118
(4.5/3.0)
.248/.188
(6.3/4.8)
.0820
20
1.688 (42.9) 1.251/1.245
(31.8/31.6) 1.105 (28.1)
.660/.640
(16.8/16.3)
.156/.116
(4.0/2.9)
1.258 (32.0) .863 (21.9)
.178/.118
(4.5/3.0)
.248/.188
(6.3/4.8)
.1000
22
1.766 (44.9) 1.376/1.371
(35.0/34.8) 1.230 (31.2)
.660/.640
(16.8/16.3)
.188/.148
(4.8/3.8)
1.383 (35.1) .895 (22.7)
.146/.086
(3.7/2.2)
.216/.156
(5.5/4.0)
.1150
24
1.891 (48.0) 1.501/1.495
(38.1/38.0) 1.385 (35.2)
.660/.640
(16.8/16.3)
.188/.148
(4.8/3.8)
1.508 (38.3) .895 (22.7)
.146/.086
(3.7/2.2)
.216/.156
(5.5/4.0)
.2680
PANEL
CUT-OUT
K
230-018
MIL-DTL-26482 Series II Type Hermetic
Bayonet Coupling Solder Flange Mount Receptacle
MS3449 Type
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 230-018FT8-6XW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-018 GLENAIR-230-018 Datasheet
257Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018106P GLENAIR-230-018106P Datasheet
302Kb / 2P
   Hermetic Receptacle, Solder Flange Mount
230-018126P GLENAIR-230-018126P Datasheet
302Kb / 2P
   Hermetic Receptacle, Solder Flange Mount
230-018146P GLENAIR-230-018146P Datasheet
302Kb / 2P
   Hermetic Receptacle, Solder Flange Mount
230-018166P GLENAIR-230-018166P Datasheet
302Kb / 2P
   Hermetic Receptacle, Solder Flange Mount
More results

Similar Description - 230-018FT8-6XW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
435Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
237-127 GLENAIR-237-127 Datasheet
427Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
256Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-026 GLENAIR-230-026 Datasheet
433Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
257Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
414Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-014 GLENAIR-230-014 Datasheet
403Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-017 GLENAIR-230-017 Datasheet
410Kb / 2P
   Bayonet Coupling Wide Flange Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com