Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-029FT16-3PW Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-029FT16-3PW
Description  Threaded Coupling Jam-Nut Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-029FT16-3PW Datasheet(HTML) 2 Page - Glenair, Inc.

  230-029FT16-3PW Datasheet HTML 1Page - Glenair, Inc. 230-029FT16-3PW Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
E-17
E
230-029
MIL-DTL-83723/89 Series III Type Hermetic
Threaded Coupling Jam-Nut Mount Receptacle
with Solder Cup Terminations
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS (Continued Below)
Shell
Size
A Dia
Max
B
C Dia
Min
D Dia
Shell I.D.
E Dia
Resilient
Insert
F Dia
Max
Seal
G Dia
Max
H
Flange
Thickness
8
1.078/1.047
(27.4/26.6)
.980/.949
(24.9/24.1) .400 (10.2)
.418/.413
(10.6/10.5)
.290 (7.4)
.394 (10.0) .562 (14.3) .137/.097
(3.5/2.5)
10
1.192/1.162
(30.3/29.5)
1.104/1.073
(28.0/27.3) .411 (10.4)
.535/.530
(13.6/13.5)
.388 (9.9)
.515 (13.1) .696 (17.7) .137/.097
(3.5/2.5)
12
1.380/1.349
(35.1/34.3)
1.291/1.260
(32.8/32.0) .581 (14.8)
.705/.700
(17.9/17.8)
.558 (14.2) .685 (17.4) .875 (22.2) .137/.097
(3.5/2.5)
14
1.516/1.485
(38.5/37.7)
1.391/1.360
(35.3/34.5) .650 (16.5)
.774/.796
(19.7/20.2)
.627 (15.9) .754 (19.2) .936 (23.9) .137/.097
(3.5/2.5)
16
1.641/1.610
(41.7/40.9)
1.516/1.485
(38.5/37.7) .777 (19.7)
.901/.896
(22.9/22.8)
.772 (19.6) .881 (22.4) 1.062 (27.0) .137/.097
(3.5/2.5)
18
1.766/1.735
(44.9/44.1)
1.641/1.610
(41.7/40.9) .864 (21.9)
1.007/1.002\
(25.6/25.5)
.860 (21.8) .987 (25.1) 1.187 (30.1) .137/.097
(3.5/2.5)
22
2.078/2.047
(52.8/52.0)
1.954/1.923
(49.6/48.8) 1.133 (28.8)
1.257/1.252
(31.9/31.8) 1.110 (28.2) 1.237 (31.4) 1.437 (36.5)
.148/.128
(3.8/3.3)
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS (Continued From Above)
Shell
Size
N
Thread
R
Thread
JJ
Mounting
Flat
Panel
Cut-Out
EE
Panel
Cut-Out
FF
Jam
Nut
MS3186
X
Y
8
.625-20 UN-2A
.562-24 UNEF-2A
.596/.590
(15.1/15.0) .605 (15.4) .635 (16.1)
-105
.180/.120
(4.6/3.0)
.210/.150
(5.3/3.8)
10
.750-20 UNEF-2A
.688-24 UNEF-2A
.721/.715
(18.3/18.2) .730 (18.5) .760 (19.3)
-107
.180/.120
(4.6/3.0)
.210/.150
(5.3/3.8)
12
.937-20 UNEF-2A
.875-20 UNEF-2A
.908/.902
(23.1/22.9) .917 (23.3) .947 (24.1)
-110
.180/.120
(4.6/3.0)
.210/.150
(5.3/3.8)
14
1.000-20 UNEF-2A
.938-20 UNEF-2A
.971/.965
(24.7/24.5) .980 (24.9) 1.010 (25.7)
-111
.180/.120
(4.6/3.0)
.210/.150
(5.3/3.8)
16
1.125-20 UNEF-2A
1.062-18 UNEF-2A 1.096/1.090
(27.8/27.7) 1.105 (28.1) 1.135 (28.8)
-112
.180/.120
(4.6/3.0)
.210/.150
(5.3/3.8)
18
1.250-18 UNEF-2A
1.188-18 UNEF-2A 1.220/1.214
(31.0/30.8) 1.230 (31.2) 1.260 (32.0)
-116
.180/.120
(4.6/3.0)
.210/.150
(5.3/3.8)
22
1.500-18 UNEF-2A
.688-24 UNEF-2A 1.470/1.464
(37.3/37.2) 1.480 (37.6) 1.510 (38.4) -120
.169/.109
(4.3/2.8)
.199/.139
(5.1/3.5)
Jam Nut
Per Table
3
2
1
EE
FF
R Thread
.433 To Rear
Of Full-mate
Indicator Band
.025 Min
Width
.125/.062
Panel Thickness
Panel Cut Out
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 230-029FT16-3PW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-029 GLENAIR-230-029 Datasheet
273Kb / 2P
   Threaded Coupling Jam-Nut Mount Receptacle
More results

Similar Description - 230-029FT16-3PW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-029 GLENAIR-230-029 Datasheet
273Kb / 2P
   Threaded Coupling Jam-Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
449Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
450Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-022 GLENAIR-230-022 Datasheet
310Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
447Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-022 GLENAIR-230-022 Datasheet
464Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
271Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
269Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
297Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-015Z1-106P GLENAIR-230-015Z1-106P_09 Datasheet
450Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com