Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-019Z124-6PW Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 230-019Z124-6PW
Description  Quick Release Bayonet Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-019Z124-6PW Datasheet(HTML) 1 Page - Glenair, Inc.

  230-019Z124-6PW Datasheet HTML 1Page - Glenair, Inc. 230-019Z124-6PW Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
D-20
D
APPLICATION NOTES
To be identified with manufacturer’s name, part number and
1.
date code, space permitting.
Material/Finish:
2.
Shell: Z1 - 304L stainless steel/passivate.
FT - C1215 stainless steel/tin plated.
Titanium and Inconel® available. Consult factory.
Contacts - 52 Nickel alloy/gold plate.
Bayonets - Stainless steel/passivate.
Seals - Silicone elastomer/N.A.
Insulation - Glass/N.A.
Consult factory and/or MIL-STD-1669 for arrangement and
3.
insert position options.
Glenair 230-019 will mate with any QPL MIL-DTL-26482
4.
Series II bayonet coupling plug of same size and insert
polarization.
Performance:
5.
Hermeticity - <1 x 10-7 cc/sec @ 1 atm differential.
Dielectric withstanding voltage - Consult factory
or MIL-STD-1669.
Insulation resistance - 5000 megohms min @500VDC.
Metric Dimensions (mm) are indicated in parentheses.
6.
Contact Type
P = Solder Cup, Pin Face
X = Eyelet, Pin Face
Insert
Arrangement
Per MIL-STD-1669
Series 230
MIL-DTL-26482
Type
230 - 019
FT
10 - 6
P
X
Material/Finish
Z1 = Stainless Steel/
Passivated
FT = C1215 Stainless
Steel/Tin Plated
(See Note 2)
Alternate Insert
Arrangement
W, X, Y or Z
(Omit for Normal)
Shell
Size
Connector
Style
019 = Hermetic Jam-Nut
Single Hole Mount
Receptacle
230-019
MIL-DTL-26482 Series II Type Hermetic
Quick Release Bayonet Receptacle
Single Hole Jam-Nut Mount MS3443 Type
Contact
Style "P"
Painted
Bayonet
Pin Ends
P (Size 20 Contacts)
V (Size 16 & 12 Contacts)
L Max
Ref
D
A
Vitreous
Insert
Interfacial
Seal
Peripheral
Gasket
F
E D
C
B
A
J
C
R
O-ring
A
Ø B
S
N Thread
.027
.011
G
F
.060 Width
Polarizing
Stripe
Master
Polarizing
Keyway
Contact
Style "X"
Ø K
E
PANEL
CUT-OUT


Similar Part No. - 230-019Z124-6PW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-019Z1246P GLENAIR-230-019Z1246P Datasheet
316Kb / 2P
   Hermetic Receptacle, Single Hole Jam-Nut Mount
More results

Similar Description - 230-019Z124-6PW

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-242 AMPHENOL-31-242 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
logo
FIBOX Enclosing innovat...
8612003 FIBOX-8612003 Datasheet
35Kb / 1P
   SS Quick Release Latch
18.07.2023
logo
List of Unclassifed Man...
B6252HB-NPP3G-50 ETC-B6252HB-NPP3G-50 Datasheet
5Mb / 27P
   Bayonet coupling mechanism provides quick mating and unmating
logo
Glenair, Inc.
230-015Z1-106P GLENAIR-230-015Z1-106P_09 Datasheet
450Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
230-021 GLENAIR-230-021 Datasheet
416Kb / 2P
   Bayonet Coupling Box Mount Receptacle
803-004-07 GLENAIR-803-004-07 Datasheet
185Kb / 1P
   1/4 Turn Bayonet Receptacle
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
230-021 GLENAIR-230-021 Datasheet
268Kb / 2P
   Bayonet Coupling Box Mount Receptacle
803-004-01 GLENAIR-803-004-01 Datasheet
175Kb / 1P
   1/4 Turn Bayonet Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com