Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

220-04H2461P1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 220-04H2461P1
Description  Rear Mounted Jam Nut Wall Mount Connector Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

220-04H2461P1 Datasheet(HTML) 1 Page - Glenair, Inc.

  220-04H2461P1 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
G-9
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
G-9
G
G
220-04 and 220-14
Series 22 Geo-Marine®
Rear Mounted Jam Nut Wall Mount Connector Receptacle
Recommended
Panel Cutout
Master
Key
E
Master Key
Indicator
Red Dot
(See Note 1)
F
Direction of Pressure
Capability - Class H
G
C Thread
.50 (12.7) Max Panel
Accommodation
220-04: 1.62 (41.1)
220-14: 2.07 (52.6)
.59
(15.0)
D
JAM NUT
Piston
O-Ring
A Thread
.16 (4.1) Ref.
B Thread
Flange O-Ring
DIMENSIONS
SHELL
SIZE
10
12
14
16
18
20
22
24
G
±.005 ±(0.1)
.835 (21.2)
.960 (24.4)
1.085 (27.6)
1.210 (30.7)
1.335 (33.9)
1.460 (37.1)
1.585 (40.3)
1.710 (43.4)
F DIA
±.005 ±(0.1)
.885 (22.5)
1.010 (25.7)
1.135 (28.8)
1.260 (32.0)
1.385 (35.2)
1.510 (38.4)
1.635 (41.5)
1.760 (44.7)
E
FLATS
1.125 (28.6)
1.250 (31.8)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
2.000 (50.8)
2.125 (54.0)
D
DIA
1.25 (31.8)
1.38 (35.1)
1.50 (38.1)
1.63 (41.4)
1.75 (44.5)
1.88 (47.8)
2.00 (50.8)
2.12 (53.8)
C THREAD
CLASS 2A
7/8 - 20 UNEF
1 - 20 UNEF
1 1/8 - 16 UN
1 1/4 - 16 UN
1 3/8 - 16 UN
1 1/2 - 16 UN
1 5/8 - 16 UN
1 3/4 - 16 UN
B THREAD
CLASS 2A
.750 -.1P -.1L
.875 -.1P -.1L
1.000 -.1P -.1L
1.125 -.1P -.1L
1.250 -.1P -.1L
1.375 -.1P -.1L
1.500 -.1P -.1L
1.625 -.1P -.1L
A THREAD
CLASS 2A
5/8 - 24 UNEF
3/4 - 20 UNEF
7/8 - 20 UNEF
1 - 20 UNEF
1 1/8 - 16 UN
1 1/4 - 16 UN
1 3/8 - 16 UN
1 1/2 - 16 UN
SHELL
SIZE
10
12
14
16
18
20
22
24
RECOMMENDED JAM NUT
INSTALLATION TORQUE vALUES
95
110
140
170
195
215
235
260
10.73
12.43
15.82
19.21
22.03
24.29
26.55
29.38
INCH-POUNDS NEWTON-METERS
TORQUE ± 5%
REPLACEMENT O-RING
PART NUMBERS *
PISTON
O-RING
2-014
2-016
2-018
2-020
2-022
2-024
2-026
2-028
SHELL
SIZE
10
12
14
16
18
20
22
24
* Parker O-ring part numbers.
Compound N674-70 or equivalent.
FLANGE
O-RING
2-021
2-023
2-025
2-027
2-029
2-030
2-031
2-032
NOTE 1: Flat and master key indicator rotates with master key per
position noted on introductory pages.
Insert
Arrangement
Class
H = Hermetic
Series No.
Contacts
P = Pins
Polarization
N, 1, 2, 3, 4
Shell
Size
Shell Style
04 = Standard
14 = Scoop Proof
220 - 04
H
24 - 61
P
N
Prior to use, lubricate
O-rings with high grade
silicone lubricant
(Moly-kote M55 or equivalent).
Metric dimensions (mm) are
indicated in parentheses.


Similar Part No. - 220-04H2461P1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
220-04H10 GLENAIR-220-04H10 Datasheet
80Kb / 1P
   Connector Receptacle Assemblies
More results

Similar Description - 220-04H2461P1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
220-07H10 GLENAIR-220-07H10_09 Datasheet
312Kb / 1P
   Rear Mounted Jam Nut Box Mount Receptacle
IPT07GSE18-11SZ GLENAIR-IPT07GSE18-11SZ Datasheet
223Kb / 2P
   Rear Panel Mount Jam Nut Receptacle Connector
IPT07A18-11SZC GLENAIR-IPT07A18-11SZC Datasheet
226Kb / 2P
   Rear Box Mount Jam Nut Receptacle Connector
IPT07Y18-11SZ GLENAIR-IPT07Y18-11SZ Datasheet
241Kb / 2P
   Rear Box Mount Jam Nut Receptacle
ITS31078A GLENAIR-ITS31078A Datasheet
1Mb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS31070A GLENAIR-ITS31070A Datasheet
829Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITSG3107AFK GLENAIR-ITSG3107AFK Datasheet
863Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS-31070-A GLENAIR-ITS-31070-A Datasheet
1Mb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS-3107-A GLENAIR-ITS-3107-A Datasheet
171Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS-31078-A GLENAIR-ITS-31078-A Datasheet
272Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com