Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

171-004-4S.125-P1CLMH Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 171-004-4S.125-P1CLMH
Description  Single Row Thru-Hole Board Mount Strips
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

171-004-4S.125-P1CLMH Datasheet(HTML) 1 Page - Glenair, Inc.

  171-004-4S.125-P1CLMH Datasheet HTML 1Page - Glenair, Inc. 171-004-4S.125-P1CLMH Datasheet HTML 2Page - Glenair, Inc. 171-004-4S.125-P1CLMH Datasheet HTML 3Page - Glenair, Inc. 171-004-4S.125-P1CLMH Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
Q
Q-9
Series 171 MicroStrips
Single Row Thru-Hole Board Mount Strips
171-004, 171-005, 171-006, and 171-007
Single Row Board Mount MicroStrips
These .050" pitch single row PCB thru-hole microstrips are available in four types-
vertical mount, right angle single row and two right angle staggered versions.
Available with 1 to 30 contacts. PC tails are .020" diameter. Optional latching
mechanism prevents de-mating. Guide pins provide circuit polarization. Contacts
are twistpin type and are gold-plated. Housing is molded LCP thermoplastic.
Suitable for high-reliability applications where long-term resistance to fretting
corrosion is a necessity. 3 A., 600 Vac, -55C to +150C.
How To Order Single Row Thru-Hole PCB MicroStrips
Series
Number of
Cavities
Contact Type
PC Tail
Length
(Inches)
Optional
Guide Pin
Optional
Latch
Optional
Mounting
Holes
171-004
Right Angle,
Single Row PC
Tails
171-005
Right Angle,
Two Row PC
Tails with .050"
Between Rows
171-006
Right Angle,
Two Row PC
Tails with .100"
Between Rows
171-007
Vertical Mount
-1 TO -30
Total Number of
Cavities
including guide
pins,latches and
mounting holes.
The number of
cavities equals
the number of
electrical circuits
plus 1 cavity for
each guide pin
and latch, plus 6
cavities for the
mounting hole
option.
P
Pin Contacts
S
Socket Contacts
.080
.110
.125
.150
.172
.190
.250
Tail Length In
Inches
Omit
For No Guide Pin
-P1
Guide Pin in Cav.
#1
-PB
Guide Pin at Both
Ends
-P(X)
Replace (X)
with guide pin
location.
P3 shown below:
Omit
For No Latch
CL
Center Latch
BL
Latch at Both
Ends
Omit
For No Mounting
Holes
MH
Mounting Holes
The three cavities
on each end are
filled with epoxy.
Two .062" (1.57mm)
holes are cross-
drilled to allow for
attachment to a
mounting surface.
171-006
-7
P
-.125
-P1
CL
171-006-7P-.125-P1CL
Sample Part Number


Similar Part No. - 171-004-4S.125-P1CLMH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-P1CLMH GLENAIR-171-001-10NS-P1CLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-PBCLMH GLENAIR-171-001-10NS-PBCLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-PCLMH GLENAIR-171-001-10NS-PCLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10PS-P1CLMH GLENAIR-171-001-10PS-P1CLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
More results

Similar Description - 171-004-4S.125-P1CLMH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-008 GLENAIR-171-008 Datasheet
542Kb / 2P
   Single Row Surface Mount Strips
logo
Aries Electronics, Inc.
20-M40-11 ARIES-20-M40-11 Datasheet
274Kb / 1P
   Thru-Hole .040 [1.02] Male DIP Strips
logo
Major League Electronic...
BSTCM-2-SS MAJOR-LEAGUE-BSTCM-2-SS Datasheet
391Kb / 1P
   .079 cl Single Row - Surface Mount Board Stacker Terminal Strips
logo
Aries Electronics, Inc.
16007 ARIES-16007 Datasheet
448Kb / 1P
   Thru-Hole .040 [1.02] Male DIP Strips
16008 ARIES-16008 Datasheet
447Kb / 1P
   Thru-Hole .040 [1.02] Female DIP Strips
logo
Major League Electronic...
BSTCM-2-SM MAJOR-LEAGUE-BSTCM-2-SM Datasheet
391Kb / 1P
   .079 cl Single Row - Surface Mount Board Stacker Terminal Strips
logo
Aries Electronics, Inc.
02-F40-10TL ARIES-02-F40-10TL Datasheet
244Kb / 1P
   Thru-Hole .040 [1.02] Female DIP Strips
logo
Major League Electronic...
BSTS-1-S MAJOR-LEAGUE-BSTS-1-S Datasheet
273Kb / 1P
   .100cl Single Row Board Stacker Terminal Strips
BSSQ-2-S MAJOR-LEAGUE-BSSQ-2-S Datasheet
423Kb / 1P
   .079cl Single Row Board Stacker Socket Strips
BSSQ-1-S MAJOR-LEAGUE-BSSQ-1-S Datasheet
268Kb / 1P
   .100 cl Single Row Board Stacker Socket Strips
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com