Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

171-007-51P4BN-06 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 171-007-51P4BN-06
Description  Shorting Plug Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

171-007-51P4BN-06 Datasheet(HTML) 1 Page - Glenair, Inc.

  171-007-51P4BN-06 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
N
N-3
Shorting Plug Assembly
177-007
Shorting Plug Assemblies
are Micro-D connectors
with all contacts bussed/
shorted together. Enclosed
in a backshell and fitted with
jackscrews, these shorting
plugs provide ESD protection to
sensitive instrumentation.
MATERIALS & FINISHES
Shells
Aluminum Alloy 6061 -T6
Contacts
Gold-Plated Copper Alloy
Encapsulant
Epoxy
Insulators
Glass-Filled LCP
Interfacial Seal Fluorosilicone
Hardware
300 Series Stainless Steel, Passivated
HOW TO ORDER 177-007 SHORTING PLUGS
Series
Connector
Size
Contact
Type
Shell Finish
Hardware Option
Lanyard Option
Lanyard
Length
Ring Terminal
Ordering Code
177-007 9
51
15 51-2
21
67
25
69
31
100
37
P Pin
S Socket
1 Cadmium,Yellow
Chromate
2 Electroless
Nickel
4 Black Anodize
5 Gold
6 Chem Film
B Fillister Head
Jackscrew
H Hex Head
Jackscrew
E Extended
Jackscrew
F Jackpost, Female
N No Hardware
N No Lanyard
G Flexible Nylon
Rope
F Wire Rope,
Nylon Jacket
H Wire Rope,
Teflon Jacket
Length in
One Inch
Increments
Example: “6”
equals six
inches.
06 .125 (3.2)
01 .140 (3.6)
05 .167 (4.2)
04 .197 (5.0)
I.D. of Ring
Terminal
Sample Part Number
177-007
– 25
S
2
H
F
4
– 06
Size
A Max.
B Max.
C
D Max.
E Max.
F Max.
In.
mm.
In .
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
9
.850
21.59
.370
9.40
.565
14.35
.600
15.24
.450
11.43
.410
10.41
15
1.000
25.40
.370
9.40
.715
18.16
.720
18.29
.570
14.48
.580
14.73
21
1.150
29.21
.370
9.40
.865
21.97
.840
21.34
.690
17.53
.740
18.80
25
1.250
31.75
.370
9.40
.965
24.51
.900
22.86
.750
19.05
.850
21.59
31
1.400
35.56
.370
9.40
1.115
28.32
.960
24.38
.810
20.57
.980
24.89
37
1.550
39.37
.370
9.40
1.265
32.13
1.000
25.40
.850
21.59
1.130
28.70
51
1.500
38.10
.410
10.41
1.215
30.86
1.030
26.16
.880
22.35
1.080
27.43
51-2
1.910
48.51
.370
9.40
1.615
41.02
1.030
26.16
.880
22.35
1.510
38.35
67
2.310
58.67
.370
9.40
2.015
51.18
1.030
26.16
.880
22.35
1.880
47.75
69
1.810
45.97
.410
10.41
1.515
38.48
1.030
26.16
.880
22.35
1.380
35.02
100
2.235
56.77
.460
11.68
1.800
45.72
1.090
27.69
.940
23.88
1.470
37.34
CODE B
FILLISTER HEAD
JACKSCREW
CODE H
HEX HEAD
JACKSCREW
CODE F
FEMALE
JACKPOST
CODE E
EXTENDED
JACKSCREW
C
B
A
F
E
D
#2-56 UNC THDS. 9-69 PIN
#4-40 UNC THDS. 100 PIN
LENGTH
SEE ORDERING
INFO


Similar Part No. - 171-007-51P4BN-06

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-P1CLMH GLENAIR-171-001-10NS-P1CLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-PBCLMH GLENAIR-171-001-10NS-PBCLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-PCLMH GLENAIR-171-001-10NS-PCLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10PS-P1CLMH GLENAIR-171-001-10PS-P1CLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
More results

Similar Description - 171-007-51P4BN-06

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
177-007-9P1BN4-06 GLENAIR-177-007-9P1BN4-06 Datasheet
104Kb / 1P
   Shorting Plug Assembly 177-007
250-005NF08-5 GLENAIR-250-005NF08-5 Datasheet
390Kb / 1P
   Shorting Plug
250-005 GLENAIR-250-005 Datasheet
193Kb / 1P
   Shorting Plug
250-009NF08-5 GLENAIR-250-009NF08-5 Datasheet
396Kb / 1P
   Shorting Plug
logo
Rosenberger Hochfrequen...
32Z111-000L5 ROSENBERGER-32Z111-000L5 Datasheet
219Kb / 2P
   SHORTING CAP PLUG
53Z111-000N5 ROSENBERGER-53Z111-000N5 Datasheet
50Kb / 2P
   SHORTING CAP PLUG
logo
Winchester Electronics ...
SDKC-89-93 WINCHESTER-SDKC-89-93 Datasheet
67Kb / 1P
   SHORTING PLUG AND CHAIN
logo
Pomona Electronics
5088 POMONA-5088 Datasheet
35Kb / 1P
   SMA Male Shorting Plug
logo
Adam Technologies, Inc.
MSM508-G-BK ADAM-TECH-MSM508-G-BK Datasheet
75Kb / 1P
   SHORTING PLUG GOLD PLATED
logo
Pomona Electronics
3452 POMONA-3452 Datasheet
30Kb / 1P
   Shorting Bar Pin Tip Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com