Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

189-007J15G4 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 189-007J15G4
Description  Fiber-Con Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189-007J15G4 Datasheet(HTML) 1 Page - Glenair, Inc.

  189-007J15G4 Datasheet HTML 1Page - Glenair, Inc. 189-007J15G4 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C-10
C
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2010 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
189-007
Fiber-Con Backshell
for MIL-PRF-28876 Connectors
APPLICATION NOTES
1. Assembly identified with manufacturer’s name and P/N,
space permitting.
2. Glenair 600 series Backshell assembly tools are recommended
for assembly and installation.
3. Material/ Finish:
Adapters, Coupling Nuts, Ferrule,
Compression Nut, Spacer Ring- Al Alloy
Grommet- Fluorosilicone/ N.A.
O-Ring- Fluorosilicone/ N.A.
4. Spacer Ring and O-Ring are packaged loose and must
be installed with connector at the time of assembly.
The spacer is utilized to retain the Terminus Insert
5. Standard minimum order is 1.5 inch
consult factory for shorter length.
6. Metric dimensions (mm) are indicated in parentheses.
1.00 (25.4)
Max.
SHRINK BOOT
ADAPTER (STD)
SYM G
GLAND NUT
Spacer Ring
.310
D
O-Ring
(7.9)
(See
Note 4)
C
Dia
TUBING
ADAPTER
SYM T
1.50 (38.1)
Max
Compression
Nut
"PEEK" Helical
Convoluted
Tubing 120-100
(Not Supplied)
A Thread
Length
(See Note 5)
B
Dia
Knurl Style Mfr Option
Positive Stop
Grommet
.190 (4.8)
.120 (03.0) Dia
4 Places
HOLE PATTERN
SHELL SIZE 13 SHOWN
189 - 007 NF 13 T
4
Product
Series
Finish
(Table II)
Shell Size
(Table I)
Symbol
G - Gland Nut
(Omit for Standard Shrink Boot Adapter)
Length in 1/2 Inch
Increments
(e.g. 3 = 1.5 Inches)
Basic Part
Number
T - Tubing Adapter


Similar Part No. - 189-007J15G4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189-007 GLENAIR-189-007 Datasheet
693Kb / 2P
   Fiber-Con Backshell
189-007B11P GLENAIR-189-007B11P Datasheet
214Kb / 2P
   Fiber-Con Backshell
189-007B11R GLENAIR-189-007B11R Datasheet
214Kb / 2P
   Fiber-Con Backshell
189-007B11S GLENAIR-189-007B11S Datasheet
214Kb / 2P
   Fiber-Con Backshell
189-007B13P GLENAIR-189-007B13P Datasheet
214Kb / 2P
   Fiber-Con Backshell
More results

Similar Description - 189-007J15G4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189-007NH11S GLENAIR-189-007NH11S Datasheet
214Kb / 2P
   Fiber-Con Backshell
189-007 GLENAIR-189-007 Datasheet
693Kb / 2P
   Fiber-Con Backshell
377HS040XB11 GLENAIR-377HS040XB11 Datasheet
217Kb / 1P
   Fiber-Optic Strain-Relief Backshell
377HS041XB11 GLENAIR-377HS041XB11_09 Datasheet
314Kb / 2P
   Composite Fiber-Optic Conduit Backshell
189-055 GLENAIR-189-055 Datasheet
166Kb / 1P
   Single Channel Fiber Optic Connector Backshell
189-001 GLENAIR-189-001 Datasheet
376Kb / 2P
   Fiber Optic Backshell With Split Clamp
377HS040XB11 GLENAIR-377HS040XB11_09 Datasheet
315Kb / 2P
   Composite Fiber-Optic Strain-Relief Backshell
189-001NH11S GLENAIR-189-001NH11S Datasheet
205Kb / 2P
   Fiber Optic Backshell With Split Clamp
logo
List of Unclassifed Man...
FZ800ED-CON-254 ETC-FZ800ED-CON-254 Datasheet
75Kb / 1P
   CON
logo
Glenair, Inc.
FO1002P05P05 GLENAIR-FO1002P05P05 Datasheet
312Kb / 2P
   Fiber Optic Cable Sets Field Repairable Banding Backshell Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com