Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC89602 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC89602
Description  Audio Decoder LSI for Mini-Disk Playback
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89602 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC89602 Datasheet HTML 1Page - Sanyo Semicon Device LC89602 Datasheet HTML 2Page - Sanyo Semicon Device LC89602 Datasheet HTML 3Page - Sanyo Semicon Device LC89602 Datasheet HTML 4Page - Sanyo Semicon Device LC89602 Datasheet HTML 5Page - Sanyo Semicon Device LC89602 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ordering number : EN*5059A
Overview
The LC89602 is an audio decoder LSI for mini-disk
playback units. This LSI implements the processing that
precedes the D/A converter in playback-only mini-disk
players. That is, the LC89602 receives data in sound
frame units from a mini-disk data decoder LSI (such as
the Sanyo LC89610), expands the audio signal and
decoder that signal directly to a D/A converter. This audio
expander LSI accepts audio data that has been compressed
by a factor of about 5 to 1, and expands that data to audio
data that is equivalent to that from a CD player, namely
16-bit quantized data with a 44.1 kHz sampling frequency.
Since this expansion consists of complex operations
involving discrete cosine transformations and digital
filtering, if the computations performed on this 16-bit data
were performed with a 16-bit precision, the arithmetic
errors associated with the calculations would result in
arithmetic noise in the lower bits and a full 16 bits of
precision would not be acquired. Inversely, increasing the
number of registers and the bus width to improve the
precision of the arithmetic would increase the size of the
circuit and the power required. The LC89602 was
optimized to achieve both the low power required by
portable units as well as the high-precision arithmetic
required by home units.
Features
• Stereo audio expansion implemented in a single chip
• High-precision arithmetic using a 24-bit multiplier
• Expanded dynamic range provided by a block floating-
point circuit
• Two output systems and independent attenuators built in
• Digital audio outputs with a 20-bit data width and
digital audio interface outputs
• Low power design implemented in a 0.8 µm CMOS
process
• CCB CPU interface
• Low-voltage operation (VDD = 3.6 to 5.5 V)
• Package: QIP80E
Package Dimensions
unit: mm
3174-QFP80E
Preliminary
SANYO: QIP80E
[LC89602]
CMOS LSI
N2494MO No. 5059-1/6
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Audio Decoder LSI for Mini-Disk Playback
LC89602


Similar Part No. - LC89602

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89610 SANYO-LC89610 Datasheet
151Kb / 7P
   Mini-Disk Decoder LSI
LC896431 SANYO-LC896431 Datasheet
43Kb / 6P
   MD Decoder IC
More results

Similar Description - LC89602

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89610 SANYO-LC89610 Datasheet
151Kb / 7P
   Mini-Disk Decoder LSI
logo
Sony Corporation
CXD5091GG SONY-CXD5091GG Datasheet
351Kb / 31P
   Audio Decoder LSI
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
Sony Corporation
CXD5091AGG SONY-CXD5091AGG Datasheet
352Kb / 31P
   Ultra low power Audio Decoder LSI
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Sanyo Semicon Device
LA6571 SANYO-LA6571 Datasheet
137Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
logo
OKI electronic componet...
MSM9842 OKI-MSM9842 Datasheet
124Kb / 9P
   Playback LSI with Built-in FIFO
logo
Rohm
BU7861KN ROHM-BU7861KN Datasheet
401Kb / 6P
   Audio LSI for Cellular Phone
logo
Asahi Kasei Microsystem...
AK2347 AKM-AK2347 Datasheet
229Kb / 33P
   AUDIO LSI
logo
Panasonic Semiconductor
MN6775511 PANASONIC-MN6775511 Datasheet
73Kb / 2P
   AV Decoder LSI for DVD Recorder MN6775511
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com