Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

171-001-9PS-PBCLMH Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 171-001-9PS-PBCLMH
Description  Single Row Strips with Solder Cups
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

171-001-9PS-PBCLMH Datasheet(HTML) 1 Page - Glenair, Inc.

  171-001-9PS-PBCLMH Datasheet HTML 1Page - Glenair, Inc. 171-001-9PS-PBCLMH Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
Q
Q-4
Series 171 MicroStrips
Single Row Strips with Solder Cups
171-001
How To Order Solder Cup Microstrips
Series
Number of
Cavities
Contact Gender
and Solder Cup
Size
Optional
Guide
Pin
Optional
Latch
Optional
Mounting
Holes
171-001
Single Row
MicroStrip, .050"
Contact Spacing,
Solder Cup Contacts
-1 to -30
Total number of
cavities including
guide pins,latches
and mounting
holes.
The number of
cavities equals the
number of electrical
circuits plus 1
cavity for each
guide pin and latch,
plus 6 cavities for
the mounting hole
option.
PS
Pin Contacts, Size
#26 Solder Cup
NS
Pin Contacts, Size
#24 Solder Cup
SS
Socket Contacts,
Size #26 Solder Cup
TS
Socket Contacts,
Size #24 Solder Cup
Omit
For No Guide Pin
-P1
Guide Pin in Cav. #1
-PB
Guide Pin at Both
Ends
-P(X)
Replace (X) with
guide pin location.
P3 shown below:
Omit
For No Latch
CL
Center Latch
BL
Latch at Both Ends
Omit
For No Mounting
Holes
MH
Mounting Holes
The three cavities
on each end are
filled with epoxy.
Two .062" (1.57mm)
holes are cross-
drilled to allow for
attachment to a
mounting surface.
171-001
- 7
PS
- P1
CL
Single Row Solder Cup MicroStrips
These .050" pitch single row solder cup microstrips accept #26 to #30 gage
wire with standard contacts and up to size #24 wire with "large bore" contacts.
Contacts are factory-installed and potted. Available with 1 to 30 contacts. Optional
stainless steel latching mechanism prevents de-mating. Guide pins provide circuit
polarization. Contacts are twistpin type and are gold-plated. Housing is molded
LCP thermoplastic. Suitable for high-reliability applications where long-term
resistance to fretting corrosion is a necessity. 3 A., 600 Vac, -55C to +150C.
171-001-7PS-P1CL
Sample Part Number


Similar Part No. - 171-001-9PS-PBCLMH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-002 GLENAIR-171-002 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
171-002-10P-4C3.123-P1 GLENAIR-171-002-10P-4C3.123-P1 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
171-002-10P-4C3.250-P1 GLENAIR-171-002-10P-4C3.250-P1 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
171-002-10P-4C4.123-P1 GLENAIR-171-002-10P-4C4.123-P1 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
171-002-10P-5C3.123-P1 GLENAIR-171-002-10P-5C3.123-P1 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
More results

Similar Description - 171-001-9PS-PBCLMH

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
350 MILL-MAX-350 Datasheet
116Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Single Row
logo
Glenair, Inc.
171-002 GLENAIR-171-002 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
171-003 GLENAIR-171-003 Datasheet
535Kb / 2P
   Single Row Strips with Insulated Wire
logo
Precid-Dip Durtal SA
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Mill-Max Mfg. Corp.
310-47-102-41-001000 MILL-MAX-310-47-102-41-001000 Datasheet
385Kb / 1P
   SERIES 310, 311, 315 ??.100??GRID SOLDER TAIL ??SINGLE ROW STRIPS
310-47-164-41-001000 MILL-MAX-310-47-164-41-001000 Datasheet
385Kb / 1P
   SERIES 310, 311, 315 ??.100??GRID SOLDER TAIL ??SINGLE ROW STRIPS
logo
List of Unclassifed Man...
NC4MP-B ETC2-NC4MP-B Datasheet
98Kb / 4P
   Smallest available hard wiring receptacles with large solder cups
logo
Glenair, Inc.
171-008 GLENAIR-171-008 Datasheet
542Kb / 2P
   Single Row Surface Mount Strips
logo
Mill-Max Mfg. Corp.
450 MILL-MAX-450 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
logo
Molex Electronics Ltd.
1200705138 MOLEX-1200705138_V01 Datasheet
29Kb / 1P
   Micro-Change (M12) Male Receptacle with Flange, 8 Poles Solder Cups
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com