Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

181-056-4480C Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 181-056-4480C
Description  Fiber Optic Genderless Terminus
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

181-056-4480C Datasheet(HTML) 2 Page - Glenair, Inc.

  181-056-4480C Datasheet HTML 1Page - Glenair, Inc. 181-056-4480C Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAGE Code 06324
GLENAIR, INC. • 1211AIR WAY• GLENDALE, CA91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
C-29
C
Part Number
ØA (Microns)
Typ. Fiber Type
181-056-1250C
125.0
Single Mode
181-056-1255C
125.5
Single Mode
181-056-1260C
126.0
Single Mode OR
Multi Mode
181-056-1270C
127.0
Multi Mode
181-056-1420C
142.0
Multi Mode
181-056-1450C
145.0
Multi Mode
181-056-1560C
156.0
Multi Mode
181-056-1570C
157.0
Multi Mode
181-056-1730C
173.0
Multi Mode
181-056-1750C
175.0
Multi Mode
181-056-2360C
236.0
Multi Mode
181-056-2860C
286.0
Multi Mode
181-056-4480C
448.0
Multi Mode
181-056
GHD • Glenair High Density
Fiber Optic Genderless Terminus
Size 18 Non-Keyed Terminus
CRIMP SLEEVE
Part Number
Description
265-002
Crimp Sleeve Ø2.2mm Max Jacket


Similar Part No. - 181-056-4480C

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
181-056 GLENAIR-181-056 Datasheet
252Kb / 1P
   Fiber Optic Genderless Terminus
More results

Similar Description - 181-056-4480C

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
181-047-1250C GLENAIR-181-047-1250C_11 Datasheet
280Kb / 2P
   Fiber Optic Genderless Terminus
181-047-15 GLENAIR-181-047-15 Datasheet
271Kb / 1P
   Fiber Optic Genderless Terminus
181-056 GLENAIR-181-056 Datasheet
252Kb / 1P
   Fiber Optic Genderless Terminus
181-050 GLENAIR-181-050 Datasheet
306Kb / 1P
   M29504/16 type genderless gfoca fiber optic terminus
181-076 GLENAIR-181-076 Datasheet
200Kb / 1P
   Genderless Terminus
181-039-15 GLENAIR-181-039-15 Datasheet
251Kb / 1P
   Fiber Optic Pin Terminus
181-012-125 GLENAIR-181-012-125 Datasheet
232Kb / 2P
   Fiber Optic Pin Terminus
181-011-125 GLENAIR-181-011-125 Datasheet
236Kb / 2P
   Fiber Optic Socket Terminus
181-001 GLENAIR-181-001 Datasheet
265Kb / 1P
   Type Fiber Optic Socket Terminus
181-043-125M GLENAIR-181-043-125M Datasheet
214Kb / 1P
   Rear Release Genderless Terminus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com