Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

181-056-1270C Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 181-056-1270C
Description  Fiber Optic Genderless Terminus
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

181-056-1270C Datasheet(HTML) 1 Page - Glenair, Inc.

  181-056-1270C Datasheet HTML 1Page - Glenair, Inc. 181-056-1270C Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAGE Code 06324
GLENAIR, INC. • 1211AIR WAY• GLENDALE, CA91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
C-28
C
Size 18 Non-Keyed Front Release Glenair High Density (GHD) Genderless Terminus
Ø 1.25mm
Ferrule O.D.
Ø A
Ferrule Hole
Ferrule
(.200)
Ø .081 Max
Ø .102 Max
1.112 Max
Retaining Clip
Crimp Sleeve
(see Table II)
Environmental
Seal
Spring
Material and Finish
Ferrule: Zirconia Ceramic
Terminus Assembly: Stainless Steel/Passivate
Retaining Clip: Spring Alloy
Spring: Stainless Steel/Passivate
Seal: Fluorosilicone
Crimp Sleeve: Brass Alloy/Nickel
Tools and Accessories/Assembly Notes
Crimp Sleeve is supplied with Terminus Assembly, and may be ordered separately (see Table II).
For terminus less crimp sleeve, omit C from end of part number (e.g. 181-056-1260)
See Glenair assembly procedure GAP-032 for complete termination instructions.
Glenair
High
Density
181-056
GHD • Glenair High Density
Fiber Optic Genderless Terminus
Size 18 Non-Keyed Terminus
The Glenair High Density Fiber Optic Connector System is designed for applications
that require reduced size and weight as well as outstanding optical and environmental
performance. The System offers insertion loss values less than .5dB (typical loss for Glenair
termini is .3 dB). Dense cavity spacing is acheived with an innovative front release terminus
design and accomodation for M85045/16 cable. The genderless 18 gauge GHD contact
delivers nearly double the density of M28876 and D38999 with superior optical performance.


Similar Part No. - 181-056-1270C

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
181-056 GLENAIR-181-056 Datasheet
252Kb / 1P
   Fiber Optic Genderless Terminus
More results

Similar Description - 181-056-1270C

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
181-047-1250C GLENAIR-181-047-1250C_11 Datasheet
280Kb / 2P
   Fiber Optic Genderless Terminus
181-047-15 GLENAIR-181-047-15 Datasheet
271Kb / 1P
   Fiber Optic Genderless Terminus
181-056 GLENAIR-181-056 Datasheet
252Kb / 1P
   Fiber Optic Genderless Terminus
181-050 GLENAIR-181-050 Datasheet
306Kb / 1P
   M29504/16 type genderless gfoca fiber optic terminus
181-076 GLENAIR-181-076 Datasheet
200Kb / 1P
   Genderless Terminus
181-039-15 GLENAIR-181-039-15 Datasheet
251Kb / 1P
   Fiber Optic Pin Terminus
181-012-125 GLENAIR-181-012-125 Datasheet
232Kb / 2P
   Fiber Optic Pin Terminus
181-011-125 GLENAIR-181-011-125 Datasheet
236Kb / 2P
   Fiber Optic Socket Terminus
181-001 GLENAIR-181-001 Datasheet
265Kb / 1P
   Type Fiber Optic Socket Terminus
181-043-125M GLENAIR-181-043-125M Datasheet
214Kb / 1P
   Rear Release Genderless Terminus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com