Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

180-071-Z142 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 180-071-Z142
Description  Single Channel Fiber Optic Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-071-Z142 Datasheet(HTML) 1 Page - Glenair, Inc.

  180-071-Z142 Datasheet HTML 1Page - Glenair, Inc. 180-071-Z142 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-28
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
180-071 (-4) Jam Nut
Single Channel Fiber Optic Receptacle Connector
Environment Resistant
for Glenair 181-001 and 181-002 Termini
APPLICATION NOTES
1. Assembly packaged in plastic bag and tag identified with
manufacturer's name and part number.
2. Glenair 180-071 Connector features:
A. Receptacle Body, Jam Nut Coupling Nut:
Aluminum Alloy (See Table II).
B. O-Ring, Interfacial Seal: Fluorosilicone.
C. Fiber Optic Termini: Glenair 181 Series (Not supplied).
D. Operating Temperature Range: -55°C to +125°C.
3. Metric dimensions (mm) are in parentheses.
Product Series
Basic Number
Finish
(Table II)
4 = Jam Nut
Receptacle Assembly
Alternate Key Position
(1,2,3,4, & 5) (Table I)
180-071-C 4 1
.375-24 UNF-2A
-4
JAM NUT MTG.
RECEPT. ASSY.
1.250 (31.8)
Max
.375-.05p-.1L-DS-2A
O-Ring
Interfacial Seal
.125 (3.2) Max
Panel Thickness
.783 (19.9)
Polarizing
Master
Keyway
.461 (11.7)
.457 (11.6)
.510 (13.0)
.505 (12.8)
RECOMMENDED
PANEL CUTOUT
O
O


Similar Part No. - 180-071-Z142

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-071-Z131 GLENAIR-180-071-Z131 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-Z132 GLENAIR-180-071-Z132 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-Z133 GLENAIR-180-071-Z133 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-Z134 GLENAIR-180-071-Z134 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-Z135 GLENAIR-180-071-Z135 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
More results

Similar Description - 180-071-Z142

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-071-C31 GLENAIR-180-071-C31 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180_071 GLENAIR-180_071_4 Datasheet
322Kb / 2P
   Single Channel Fiber Optic Connector
180_071 GLENAIR-180_071_6 Datasheet
262Kb / 2P
   Single Channel Fiber Optic Connector
180_071 GLENAIR-180_071_3 Datasheet
321Kb / 2P
   Single Channel Fiber Optic Connector
180_052 GLENAIR-180_052_15 Datasheet
309Kb / 1P
   2 Channel Fiber Optic Receptacle Connector
189-055 GLENAIR-189-055 Datasheet
166Kb / 1P
   Single Channel Fiber Optic Connector Backshell
180-071-C6 GLENAIR-180-071-C6 Datasheet
209Kb / 2P
   Single Channel Fiber Optic Plug Connector
180-091MS7-11-8PA GLENAIR-180-091MS7-11-8PA Datasheet
290Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-118C02-15-10R GLENAIR-180-118C02-15-10R Datasheet
222Kb / 1P
   Fiber Optic SS15 Receptacle Connector
180-091MH7-11-8PA GLENAIR-180-091MH7-11-8PA Datasheet
291Kb / 2P
   Advanced Fiber Optic Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com