Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

180-070-7-14-4 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 180-070-7-14-4
Description  4 Channel Fiber Optic Plug / Receptacle Special Environmental Composite Connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-070-7-14-4 Datasheet(HTML) 1 Page - Glenair, Inc.

  180-070-7-14-4 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H-12
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
180-070 (-6 and -7)
4 Channel Fiber Optic Plug / Receptacle
Special Environmental Composite Connector
for Glenair 181-011 and 181-012 Front Release Termini
Metric dimensions (mm) are in parentheses.
Insert accommodates
Fiber Optic Termini
or 16 AWG Electrical
Contacts
Polarizing Key
1.25 (31.8)
Guide Pin Holes
(2 Places)
Socket Termini
Glenair
P/N 181-011-***
Panel
.156 (4.0) Max
.030 (0.8) Min
1.400 (35.6)
Max
1.125
(28.6)
O-Ring
1.280 (32.5)
Max
7/8-20 UNEF-2A
Thread
.895/.885
(22.7)/(22.5)
.845/.835
(21.5)/(21.2)
-7 JAM NUT RECEPTACLE ASSEMBLY
Insert accommodates
Fiber Optic Termini
or 16 AWG Electrical
Contacts
Guide Pins
(2 Places)
7/8-20 UNEF-2B
Thread
Pin Termini
Glenair P/N 181-
012-***
3.150 (80.0)
Max
.343 (8.7)
Cable Entry
.125
(3.2)
Typical
O-Rings
1.332 (33.8)
Max
-6 PLUG ASSEMBLY
Product Series
Basic Number
6 = Plug Assembly
7 = Jam Nut Receptacle Assembly
180-070-6-14-4
Insert Arrangement Dash Number
Shell Size
Recommended
Panel Cutout
O


Similar Part No. - 180-070-7-14-4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-071 GLENAIR-180-071 Datasheet
322Kb / 2P
   Single Channel Fiber Optic Connector
180-071-4 GLENAIR-180-071-4 Datasheet
322Kb / 2P
   Single Channel Fiber Optic Connector
180-071-C31 GLENAIR-180-071-C31 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-C32 GLENAIR-180-071-C32 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-C33 GLENAIR-180-071-C33 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
More results

Similar Description - 180-070-7-14-4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-064-9-5C GLENAIR-180-064-9-5C Datasheet
229Kb / 1P
   4 Channel Micro-D Fiber Optic Plug Connector
377HS041XB11 GLENAIR-377HS041XB11_09 Datasheet
314Kb / 2P
   Composite Fiber-Optic Conduit Backshell
180_053 GLENAIR-180_053_15 Datasheet
222Kb / 1P
   2 Channel Fiber Optic Plug Connector
180-071-C6 GLENAIR-180-071-C6 Datasheet
209Kb / 2P
   Single Channel Fiber Optic Plug Connector
180_052 GLENAIR-180_052_15 Datasheet
309Kb / 1P
   2 Channel Fiber Optic Receptacle Connector
180-071-C4 GLENAIR-180-071-C4 Datasheet
215Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-C31 GLENAIR-180-071-C31 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
377HS040XB11 GLENAIR-377HS040XB11_09 Datasheet
315Kb / 2P
   Composite Fiber-Optic Strain-Relief Backshell
180-118C06-15-10R GLENAIR-180-118C06-15-10R Datasheet
220Kb / 1P
   Fiber Optic SS15 Plug Connector
180-091MS7-11-8PA GLENAIR-180-091MS7-11-8PA Datasheet
290Kb / 2P
   Advanced Fiber Optic Receptacle Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com