Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

171-001-2SS-P1CLMH Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 171-001-2SS-P1CLMH
Description  Single Row Strips with Solder Cups
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

171-001-2SS-P1CLMH Datasheet(HTML) 2 Page - Glenair, Inc.

  171-001-2SS-P1CLMH Datasheet HTML 1Page - Glenair, Inc. 171-001-2SS-P1CLMH Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
Q
Q-5
Series 171 MicroStrips
Single Row Solder Cup Strips
171-001
Dimensions
# of
Cavities
(A)
B Max.
C
# of
Cavities
(A)
B Max.
C
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
1
-
-
.085
2.16
N/A
N/A
16
.750
19.05
.835
21.21
.650
16.51
2
.050
1.27
.135
3.43
N/A
N/A
17
.800
20.32
.885
22.48
.700
17.78
3
.100
2.54
.185
4.70
N/A
N/A
18
.850
21.59
.935
23.75
.750
19.05
4
.150
3.81
.235
5.97
N/A
N/A
19
.900
22.86
.985
25.02
.800
20.32
5
.200
5.08
.285
7.24
N/A
N/A
20
.950
24.13
1.035
26.29
.850
21.59
6
.250
6.35
.335
8.51
N/A
N/A
21
1.000
25.40
1.085
27.56
.900
22.86
7
.300
7.62
.385
9.78
.200
5.08
22
1.050
26.67
1.135
28.83
.950
24.13
8
.350
8.89
.435
11.05
.250
6.35
23
1.100
27.94
1.185
30.10
1.000
25.4
9
.400
10.16
.485
12.32
.300
7.62
24
1.150
29.21
1.235
31.37
1.050
26.67
10
.450
11.43
.535
13.59
.350
8.89
25
1.200
30.48
1.285
32.64
1.100
27.94
11
.500
12.70
.585
14.86
.400
10.16
26
1.250
31.75
1.335
33.91
1.150
29.21
12
.550
13.97
.635
16.13
.450
11.43
27
1.300
33.02
1.385
35.18
1.200
30.48
13
.600
15.24
.685
17.40
.500
12.7
28
1.350
34.29
1.435
36.45
1.250
31.75
14
.650
16.51
.735
18.67
.550
13.97
29
1.400
35.56
1.485
37.72
1.300
33.02
15
.700
17.78
.785
19.94
.600
15.24
30
1.450
36.83
1.535
38.99
1.350
34.29
.075
(1.91)
TYP
.110 (2.79)
MAX
.050 (1.27)
MAX
.050 (1.27)
MAX
MAX
(A)
(A)
B
C
2Xø.062
(1.57)
2Xø.062 (1.57)
.135/.116
(3.43/2.95)
.200 (5.08) REF
C
B
.062 (1.57)
.075 (1.91) TYP
MAX
.200 (5.08)
.200 (5.08)
MAX
.300 (7.62)
.075 (1.91)
.075 (1.91)
.075 (1.91)
.075 (1.91)
.125 (3.18)
.125 (3.18)
PIN CONNECTOR
SOCKET CONNECTOR
Center Latch Locations
Even Number of Cavities
Odd Number of Cavities
CAVITY 1
PIN CONNECTOR SOCKET CONNECTOR
CAVITY 1
Latch placed on next lower cavity prior to centerline.
Latch position = (# of Cavities) ÷ 2.
CAVITY 1
PIN CONNECTOR SOCKET CONNECTOR
CAVITY 1
Latch placed in cavity on centerline.
Latch Position = (# of Cavities+1) ÷ 2.


Similar Part No. - 171-001-2SS-P1CLMH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-002 GLENAIR-171-002 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
171-002-10P-4C3.123-P1 GLENAIR-171-002-10P-4C3.123-P1 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
171-002-10P-4C3.250-P1 GLENAIR-171-002-10P-4C3.250-P1 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
171-002-10P-4C4.123-P1 GLENAIR-171-002-10P-4C4.123-P1 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
171-002-10P-5C3.123-P1 GLENAIR-171-002-10P-5C3.123-P1 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
More results

Similar Description - 171-001-2SS-P1CLMH

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
350 MILL-MAX-350 Datasheet
116Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Single Row
logo
Glenair, Inc.
171-002 GLENAIR-171-002 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
171-003 GLENAIR-171-003 Datasheet
535Kb / 2P
   Single Row Strips with Insulated Wire
logo
Precid-Dip Durtal SA
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Mill-Max Mfg. Corp.
310-47-102-41-001000 MILL-MAX-310-47-102-41-001000 Datasheet
385Kb / 1P
   SERIES 310, 311, 315 ??.100??GRID SOLDER TAIL ??SINGLE ROW STRIPS
310-47-164-41-001000 MILL-MAX-310-47-164-41-001000 Datasheet
385Kb / 1P
   SERIES 310, 311, 315 ??.100??GRID SOLDER TAIL ??SINGLE ROW STRIPS
logo
List of Unclassifed Man...
NC4MP-B ETC2-NC4MP-B Datasheet
98Kb / 4P
   Smallest available hard wiring receptacles with large solder cups
logo
Glenair, Inc.
171-008 GLENAIR-171-008 Datasheet
542Kb / 2P
   Single Row Surface Mount Strips
logo
Mill-Max Mfg. Corp.
450 MILL-MAX-450 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
logo
Molex Electronics Ltd.
1200705138 MOLEX-1200705138_V01 Datasheet
29Kb / 1P
   Micro-Change (M12) Male Receptacle with Flange, 8 Poles Solder Cups
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com