Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

180-040 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 180-040
Description  Wall Mount Receptacle Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-040 Datasheet(HTML) 3 Page - Glenair, Inc.

  180-040 Datasheet HTML 1Page - Glenair, Inc. 180-040 Datasheet HTML 2Page - Glenair, Inc. 180-040 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
C-8
C
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2010 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
180-040 (-04, -14, -24, -34)
MIL-PRF-28876 Type Jam Nut Receptacle Connector
for use with MIL-PRF-29504/14 and /15 Termini
TABLE VI: SHELL SIZE
Shell
Size
G
Max
H
+ .010 (0.3)
J
+ .005 (0.1)
K Dia
+ .005 (0.1)
C Dia
Max
L Dia
Max
“A” Thread
Size
.1P-.2L-DS
11
1.290 (32.8) 1.262 (32.1)
.848 (21.5)
.885 (22.5)
.960 (24.4)
.960 (24.4)
.750 (19.05)
13
1.435 (35.9) 1.387 (35.2)
.937 (24.7) 1.010 (25.7) 1.085 (27.6)
1.085 (27.6)
.875 (22.2)
15
1.650 (41.9) 1.575 (40.0) 1.160 (29.5) 1.198 (30.4) 1.255 (31.9)
1.255 (31.9)
1.062 (26.9)
23
2.093 (53.2) 2.014 (51.2) 1.598 (40.6) 1.635 (41.5) 1.695 (43.1)
1.763 (44.8)
1.500 (38.1)
H
Flat
G
Hex
Corner
A
D
B
C
Master
Polarizing
Key Way
(See Note 3)
3 Wire Holes
1.033 (26.2)
1.013 (25.7)
.125 (3.2)
.105 (2.7)
"A" Thread Size
Yellow
Band
.188 (4.8) Max.
Panel Thickness
1.990 (50.5)
Max.
C
Dia.
04 - JAM NUT MOUNT RECEPTACLE
WITHOUT BACKSHELL
2
1
4
3
°
°
°
°
14 - JAM NUT MOUNT RECEPTACLE
WITH STRAIGHT BACKSHELL
(Consult Factory for 45° and 90° Backshell Versions)
J
Flat
K
Dia.
RECOMMENDED
PANEL CUTOUT
6.150 Max
L Dia


Similar Part No. - 180-040

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-043C GLENAIR-180-043C Datasheet
184Kb / 1P
   Feedthrough Probe Connector for
180-043M GLENAIR-180-043M Datasheet
184Kb / 1P
   Feedthrough Probe Connector for
logo
NorComp
180-044-172L000 NORCOMP-180-044-172L000 Datasheet
140Kb / 1P
   NTS
07/19/2005
180-044-172L010 NORCOMP-180-044-172L010 Datasheet
140Kb / 1P
   NTS
07/19/2005
180-044-172L020 NORCOMP-180-044-172L020 Datasheet
140Kb / 1P
   NTS
07/19/2005
More results

Similar Description - 180-040

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-383WM15-35P GLENAIR-240-383WM15-35P Datasheet
411Kb / 2P
   Filter Connector Wall Mount Receptacle
240-384WM10-35P GLENAIR-240-384WM10-35P Datasheet
357Kb / 2P
   Filter Connector Wall Mount Receptacle
247-039PA GLENAIR-247-039PA Datasheet
275Kb / 2P
   Filtered Wall Mount Receptacle Connector
257-606 GLENAIR-257-606 Datasheet
691Kb / 6P
   Wall Mount Quadrax Receptacle Connector
240-515-WM36-4PS GLENAIR-240-515-WM36-4PS Datasheet
563Kb / 2P
   Wall Mount Filtered Receptacle Connector
240-ITS-WM20-3PS GLENAIR-240-ITS-WM20-3PS Datasheet
480Kb / 2P
   Wall Mount Filtered Receptacle Connector
233-105-00XM09 GLENAIR-233-105-00XM09 Datasheet
369Kb / 2P
   Wall Mount Environmental Receptacle Connector
233-105-00 GLENAIR-233-105-00 Datasheet
244Kb / 3P
   Wall Mount Environmental Receptacle Connector
240-382W GLENAIR-240-382W Datasheet
89Kb / 2P
   Wall Mount Receptacle
240-383W GLENAIR-240-383W Datasheet
144Kb / 2P
   Wall Mount Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com