Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF032B Datasheet(PDF) 8 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST25VF032B Datasheet HTML 4Page - Microchip Technology SST25VF032B Datasheet HTML 5Page - Microchip Technology SST25VF032B Datasheet HTML 6Page - Microchip Technology SST25VF032B Datasheet HTML 7Page - Microchip Technology SST25VF032B Datasheet HTML 8Page - Microchip Technology SST25VF032B Datasheet HTML 9Page - Microchip Technology SST25VF032B Datasheet HTML 10Page - Microchip Technology SST25VF032B Datasheet HTML 11Page - Microchip Technology SST25VF032B Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
©2011 Silicon Storage Technology, Inc.
S71327-04-000
02/11
8
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
Auto Address Increment (AAI)
The Auto Address Increment Programming-Status bit provides status on whether the device is in AAI
programming mode or Byte-Program mode. The default at power up is Byte-Program mode.
Block Protection (BP3,BP2, BP1, BP0)
The Block-Protection (BP3, BP2, BP1, BP0) bits define the size of the memory area, as shown in Table
4, to be software protected against any memory Write (Program or Erase) operation. The Write-Status-
Register (WRSR) instruction is used to program the BP3, BP2, BP1 and BP0 bits as long as WP# is
high or the Block-Protect-Lock (BPL) bit is 0. Chip-Erase can only be executed if Block-Protection bits
are all 0. After power-up, BP3, BP2, BP1 and BP0 are set to the defaults specified in Table 4.
Block Protection Lock-Down (BPL)
WP# pin driven low (VIL), enables the Block-Protection-Lock-Down (BPL) bit. When BPL is set to 1, it
prevents any further alteration of the BPL, BP3, BP2, BP1, and BP0 bits. When the WP# pin is driven
high (VIH), the BPL bit has no effect and its value is “Don’t Care”. After power-up, the BPL bit is reset to
0.
Table 4: Software Status Register Block Protection FOR SST25VF032B1
1. X = Don’t Care (RESERVED) default is “0
Protection Level
Status Register Bit2
2. Default at power-up for BP2, BP1, and BP0 is ‘111’. (All Blocks Protected)
Protected Memory Address
BP3
BP2
BP1
BP0
32 Mbit
None
X
0
0
0
None
Upper 1/64
X
0
0
1
3F0000H-3FFFFFH
Upper 1/32
X
0
1
0
3E0000H-3FFFFFH
Upper 1/16
X
0
1
1
3C0000H-3FFFFFH
Upper 1/8
X
1
0
0
380000H-3FFFFFH
Upper 1/4
X
1
0
1
300000H-3FFFFFH
Upper 1/2
X
1
1
0
200000H-3FFFFFH
All Blocks
X
1
1
1
000000H-3FFFFFH
T4.0 1327


Similar Part No. - SST25VF032B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B Datasheet
735Kb / 28P
   32 Mbit SPI Serial Flash
SST25VF032B SST-SST25VF032B Datasheet
746Kb / 28P
   32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF032B-50-4C-S2AF SST-SST25VF032B-50-4C-S2AF Datasheet
735Kb / 28P
   32 Mbit SPI Serial Flash
SST25VF032B-50-4C-SCF SST-SST25VF032B-50-4C-SCF Datasheet
735Kb / 28P
   32 Mbit SPI Serial Flash
More results

Similar Description - SST25VF032B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B Datasheet
735Kb / 28P
   32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B_10 Datasheet
746Kb / 28P
   32 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com