Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC30F6011A Datasheet(PDF) 11 Page - Microchip Technology

Part # DSPIC30F6011A
Description  High-Performance 16-bit Digital Signal Controllers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6011A Datasheet(HTML) 11 Page - Microchip Technology

Back Button DSPIC30F6011A_11 Datasheet HTML 7Page - Microchip Technology DSPIC30F6011A_11 Datasheet HTML 8Page - Microchip Technology DSPIC30F6011A_11 Datasheet HTML 9Page - Microchip Technology DSPIC30F6011A_11 Datasheet HTML 10Page - Microchip Technology DSPIC30F6011A_11 Datasheet HTML 11Page - Microchip Technology DSPIC30F6011A_11 Datasheet HTML 12Page - Microchip Technology DSPIC30F6011A_11 Datasheet HTML 13Page - Microchip Technology DSPIC30F6011A_11 Datasheet HTML 14Page - Microchip Technology DSPIC30F6011A_11 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 234 page
background image
© 2011 Microchip Technology Inc.
DS70143E-page 11
dsPIC30F6011A/6012A/6013A/6014A
1.0
DEVICE OVERVIEW
This document contains specific information for the
dsPIC30F6011A/6012A/6013A/6014A Digital Signal
Controller (DSC) devices. The dsPIC30F devices
contain extensive Digital Signal Processor (DSP) func-
tionality
within
a
high-performance
16-bit
microcontroller (MCU) architecture. Figure 1-1 and
Figure 1-2
show
device
block
diagrams
for
dsPIC30F6011A/6012A and dsPIC30F6013A/6014A,
respectively.
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals, register descriptions and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “16-bit MCU and DSC
Programmer’s
Reference
Manual”
(DS70157).


Similar Part No. - DSPIC30F6011A_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6011AT-20E/PF MICROCHIP-DSPIC30F6011AT-20E/PF Datasheet
3Mb / 222P
   High Performance Digital Signal Controllers
2004
DSPIC30F6011AT-20E/PF MICROCHIP-DSPIC30F6011AT-20E/PF Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6011AT-20E/PF-ES MICROCHIP-DSPIC30F6011AT-20E/PF-ES Datasheet
3Mb / 222P
   High Performance Digital Signal Controllers
2004
DSPIC30F6011AT-20E/PF-ES MICROCHIP-DSPIC30F6011AT-20E/PF-ES Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6011AT-20E/S MICROCHIP-DSPIC30F6011AT-20E/S Datasheet
3Mb / 222P
   High Performance Digital Signal Controllers
2004
More results

Similar Description - DSPIC30F6011A_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
   High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
   High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com